Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6806-EVALZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADRF6806-EVALZ
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6806-EVALZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADRF6806-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS1 = 5 V, VS2 = 3.3 V, TA = 25°C, RF input balun loss is de-embedded, unless otherwise noted. LO = 50 MHz to 525 MHz; Mini-Circuits
ADTL2-18 balun on RF inputs.
0
2
4
6
8
10
12
14
16
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
IP1dB
GAIN
Figure 4. Conversion Gain and Input P1dB vs. LO Frequency
20
22
24
26
28
30
32
34
36
38
40
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 5. Input IP3 vs. LO Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 6. IQ Gain Mismatch vs. LO Frequency
50
55
60
65
70
75
80
LO FREQUENCY (MHz)
LPEN = 1
LPEN = 0
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 7. Input IP2 vs. LO Frequency
5
6
7
8
9
10
11
12
13
14
15
16
17
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 8. Noise Figure vs. LO Frequency
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 9. IQ Quadrature Phase Error vs. LO Frequency


Numéro de pièce similaire - ADRF6806-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
More results

Description similaire - ADRF6806-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
   750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com