Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8018AR-REEL7 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8018AR-REEL7
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8018AR-REEL7 Fiches technique(HTML) 2 Page - Analog Devices

  AD8018AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
REV. A
–2–
AD8018–SPECIFICATIONS (@ 25 C, V
S = 5 V, RL = 100
, RF = RG = 750
unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = 1, VOUT < 0.4 V p-p, RL = 5
40
50
MHz
G = 1, VOUT < 0.4 V p-p, RL = 100
100
130
MHz
G = 2, VOUT < 0.4 V p-p, RL = 5
35
40
MHz
G = 2, VOUT < 0.4 V p-p, RL = 100
80
100
MHz
0.1 dB Bandwidth
VOUT < 0.4 V p-p, RL = 100
10
MHz
Large Signal Bandwidth
VOUT = 4 V p-p, G = +2
80
MHz
Slew Rate
Noninverting, VOUT = 4 V p-p
300
V/ s
Rise and Fall Time
Noninverting, VOUT = 2 V p-p
5.5
ns
Settling Time
0.1%, VOUT = 2 V p-p, RL = 100
25
ns
NOISE/HARMONIC
PERFORMANCE
Distortion,
VOUT = 6 V p-p (Differential)
Second Harmonic
100 kHz, RL = 10
–89
–94
dBc
500 kHz, RL = 10
–61
–63
dBc
Third Harmonic
100 kHz, RL = 10
–86
–89
dBc
500 kHz, RL = 10
–74
–77
dBc
MTPR (In-Band)
25 kHz to 138 kHz, RL = 12.5
Ω, P
LINE = +13 dBm
–70
dBc
SFDR (Out-of-Band)
144 kHz to 500 kHz, RL = 12.5
Ω, P
LINE = +13 dBm
–82
dBc
Input Noise Voltage
f = 100 kHz
4.5
5
nV
√Hz
Input Noise Current
f = 100 kHz (+Inputs)
1
pA
√Hz
f = 100 kHz (–Inputs)
10
pA
√Hz
Crosstalk
f = 1 MHz, G = +2
–74
dB
DC PERFORMANCE
Input Offset Voltage
115
mV
TMIN to TMAX
17
mV
Input Offset Voltage Match
0.1
2.6
mV
Transimpedance
VOUT = 2 V p-p, RL = 5
830
2000
k
TMIN to TMAX
700
k
INPUT CHARACTERISTICS
Input Resistance
+Input
10
M
–Input
125
Input Capacitance
+Input
1
pF
Input Bias Current (–)
0.3
8
A
TMIN to TMAX
14
A
Input Bias Current (–) Match
0.1
5.5
A
TMIN to TMAX
8
A
Input Bias Current (+)
1
1.5
A
TMIN to TMAX
2.5
A
Input Bias Current (+) Match
0.1
0.5
A
TMIN to TMAX
1
A
CMRR
VIN 2 V to 4 V
51
54
dB
Input CM Voltage Range
1.2
3.8
V
OUTPUT CHARACTERISTICS
Cap Load
30% Overshoot
1000
pF
Output Resistance
Frequency = 100 kHz, PWDN1, PWDN0 = 1
0.2
Output Voltage Swing
RL = 100
0.16 to 4.87
V
RL = 5
0.5 to 4.5
V
Linear Output Current
SFDR < –85 dBc, f = 100 kHz, RL = 10
Ω, Differential
350
400
mA
Short-Circuit Current
1000
mA
POWER SUPPLY
Supply Current/Amp
PWDN1 = 1, PWDN0 = 1
9
10
mA
TMIN to TMAX
11.4
mA
STBY Supply Current/Amp
PWDN1 = 0, PWDN0 = 1 or
4.5
5.1
mA
PWDN1 = 1, PWDN0 = 0
4.5
5.1
mA
SHUTDOWN Supply Current/Amp
PWDN1 = 0, PWDN0 = 0
0.3
0.55
mA
Operating Range
Single Supply
3.3
8
V
+Power Supply Rejection Ratio
VS =
1 V
60
66
dB
TMIN to TMAX
56
dB
–Power Supply Rejection Ratio
VS =
1 V
52
55
dB
TMIN to TMAX
50
dB


Numéro de pièce similaire - AD8018AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8018AR-REEL AD-AD8018AR-REEL Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
More results

Description similaire - AD8018AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com