Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7872KRZ-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7872KRZ-REEL
Description  LC2MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7872KRZ-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7872KRZ-REEL Datasheet HTML 6Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 7Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 8Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 9Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 10Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 11Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 12Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 13Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7871/AD7872
–10–
REV. D
Effective Number of Bits
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
get a measure of performance expressed in effective number of
bits (N).
N
=
SNR –1.76
6.02
(2)
The effective number of bits for a device can be calculated di-
rectly from its measured SNR. Figure 14 shows a typical plot of
effective number of bits versus frequency for the AD7871/
AD7872 with a sampling frequency of 60 kHz.
Figure 14. Effective Number of Bits vs. Frequency
Harmonic Distortion
Harmonic Distortion is the ratio of the rms sum of harmonics to
the fundamental. For the AD7871/AD7872, Total Harmonic
Distortion (THD) is defined as
THD(dB) = 20 log
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonic. The THD is also derived from the FFT plot of
the ADC output spectrum. Figure 15 shows how the THD var-
ies with input frequency.
Figure 15. Total Harmonic Distortion vs. Frequency
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m nor n are equal to zero. For example, the second or-
der terms include (fa+fb) and (fa–fb), while the third order
terms include (2fa+fb), (2fa–fb), (fa+2fb) and (fa–2fb).
DYNAMIC SPECIFICATIONS
The AD7871/AD7872 is specified and tested for dynamic per-
formance specifications as well as traditional dc specifications
such as Integral and Differential Nonlinearity. These ac specifi-
cations are required for signal processing applications such as
Speech Recognition, Spectrum Analysis and High Speed
Modems. These applications require information on the effects
on the spectral content of the input signal. Hence, the param-
eters for which the AD7871/AD7872 is specified include SNR,
Harmonic Distortion, Intermodulation Distortion and Peak
Harmonics. These terms are discussed in more detail in the fol-
lowing sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fs/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal to noise ratio for a sine wave input
is given by:
SNR(dB) = (6.02N + 1.76)
(1)
where N is the number of bits in the ADC. Thus for an ideal
14-bit converter, SNR = 86 dB.
The output spectrum from the ADC is evaluated by applying a
sine wave signal of very low distortion to the VIN input, which is
sampled at an 83 kHz sampling rate. A Fast Fourier Transform
(FFT) plot is generated from which the SNR data can be ob-
tained. Figure 13 shows a typical 2048 point FFT plot of the
AD7871/AD7872, with an input signal of 10 kHz and a sam-
pling frequency of 83 kHz. The SNR obtained from this graph
is
80 dB. It should be noted that the harmonics are included when
calculating the SNR.
Figure 13. Fast Fourier Transform Plot
V
2
2+V
3
2+V
4
2+V
5
2+V
6
2
V1


Numéro de pièce similaire - AD7872KRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7872KR AD-AD7872KR Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872KR AD-AD7872KR Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Description similaire - AD7872KRZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com