Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1001 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FIN1001
Description  3.3V LVDS 1-Bit High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1001 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FIN1001 Datasheet HTML 1Page - Fairchild Semiconductor FIN1001 Datasheet HTML 2Page - Fairchild Semiconductor FIN1001 Datasheet HTML 3Page - Fairchild Semiconductor FIN1001 Datasheet HTML 4Page - Fairchild Semiconductor FIN1001 Datasheet HTML 5Page - Fairchild Semiconductor FIN1001 Datasheet HTML 6Page - Fairchild Semiconductor FIN1001 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500721
www.fairchildsemi.com
December 2001
Revised January 2002
FIN1001
3.3V LVDS 1-Bit High Speed Differential Driver
General Description
This single driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350 mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock or data.
The FIN1001 can be paired with its companion receiver,
the FIN1002, or with any other LVDS receiver.
Features
I Greater than 600Mbs data rate
I 3.3V power supply operation
I 0.5ns maximum differential pulse skew
I 1.5ns maximum propagation delay
I Low power dissipation
I Power-Off protection
I Meets or exceeds the TIA/EIA-644 LVDS standard
I Flow-through pinout simplifies PCB layout
I 5-Lead SOT23 package saves space
Ordering Code:
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagram
Pin Assignment for SOT23
(Top View)
Order Number
Package Number
Package Description
FIN1001M5
MA05B
5-Lead SOT23, JEDEC MO-178, 1.6mm [250 Units on Tape and Reel]
FIN1001M5X
MA05B
5-Lead SOT23, JEDEC MO-178, 1.6mm [3000 Units on Tape and Reel]
Pin Name
Description
DIN
LVTTL Data Input
DOUT+
Non-inverting LVDS Driver Output
DOUT−
Inverting LVDS Driver Output
VCC
Power Supply
GND
Ground
NC
No Connect
Input
Outputs
DIN
DOUT+
DOUT−
LL
H
HH
L


Numéro de pièce similaire - FIN1001

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001M5 FAIRCHILD-FIN1001M5 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001M5X FAIRCHILD-FIN1001M5X Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001M5X ONSEMI-FIN1001M5X Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
More results

Description similaire - FIN1001

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com