Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFPF10F150S Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FFPF10F150S
Description  DAMPER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10F150S Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FFPF10F150S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10F150S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10F150S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10F150S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Stored Charge
vs. Forward Current
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. Forward Current
Figure 6. Forward Current Derating Curve
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
T
J = 25
o
C
T
J = 125
o
C
Forward Voltage , V
F [V]
0.1
1
10
100
0
20
40
60
80
100
120
140
160
180
200
Typical Capacitance
at 0V = 150 pF
Reverse Voltage , V
R
[V]
123
4
5
6
789
10
0
500
1000
1500
2000
di/dt = 100A/
µs
di/dt = 50A/
µs
Forward Current , I
F
[A]
0
300
600
900
1200
1500
0.001
0.01
0.1
1
10
100
T
J = 25
o
C
T
J = 125
o
C
T
J = 100
oC
Reverse Voltage , V
R [V]
12
34
56
78
9
10
0
100
200
300
400
di/dt = 100A/
µs
di/dt = 50A/
µs
Forward Current , I
F
[A]
80
100
120
140
160
0
5
10
15
Case Temperature , T
C [
o
C]


Numéro de pièce similaire - FFPF10F150S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
1Mb / 4P
   Suitable for Damper Diode in Horizontal Deflection Circuits
logo
Inchange Semiconductor ...
FFPF10F150S ISC-FFPF10F150S Datasheet
250Kb / 2P
   Ultra fast Rectifier
logo
Fairchild Semiconductor
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
333Kb / 5P
   10 A, 1500 V, Damper Diode
November 2014
FFPF10F150STU FAIRCHILD-FFPF10F150STU Datasheet
1Mb / 4P
   Suitable for Damper Diode in Horizontal Deflection Circuits
logo
Inchange Semiconductor ...
FFPF10F150STU ISC-FFPF10F150STU Datasheet
250Kb / 2P
   Ultra fast Rectifier
More results

Description similaire - FFPF10F150S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
logo
Fairchild Semiconductor
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
   DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
   DAMPER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com