Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU90002GWZ Fiches technique(PDF) 10 Page - Rohm

No de pièce BU90002GWZ
Description  Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU90002GWZ Fiches technique(HTML) 10 Page - Rohm

Back Button BU90002GWZ_11 Datasheet HTML 6Page - Rohm BU90002GWZ_11 Datasheet HTML 7Page - Rohm BU90002GWZ_11 Datasheet HTML 8Page - Rohm BU90002GWZ_11 Datasheet HTML 9Page - Rohm BU90002GWZ_11 Datasheet HTML 10Page - Rohm BU90002GWZ_11 Datasheet HTML 11Page - Rohm BU90002GWZ_11 Datasheet HTML 12Page - Rohm BU90002GWZ_11 Datasheet HTML 13Page - Rohm BU90002GWZ_11 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
10/14
BU90002GWZ, BU90003GWZ, BU90004GWZ, BU90005GWZ, BU90006GWZ
www.rohm.com
Target spec. ver.1.7
© 2011 ROHM Co., Ltd. All rights reserved.
●Functional descriptions
The BU9000XGWZ are a synchronous step-down DC/DC converter that achieves fast transient response from light load to
heavy load by hysteretic PWM control system and current constant PFM control system.
○PWM control
BU9000XGWZ operates by hysteretic PWM control. This scheme ensures fast switching, high efficiency, and fast transient
response.
When the output voltage is below the VREF voltage, the error comparator output is low to high and turning on P-channel
MOSFET until above the VREF voltage and minimum on time.
○PFM control
At light load the regulator and MODE=low, the regulator operates with reduced switching frequency and improves the efficiency.
During PFM operation, the output voltage slightly higher than typical output voltage.
Fig. Operation of PFM mode and PWM mode
PFM (constant current)Threshold. turn off Pch FET
output PWM mode voltage
PFM Mode at Light Load
PFM Threshold. turn on PFET
PWM Mode at Moderate to Heavy Loads


Numéro de pièce similaire - BU90002GWZ_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
More results

Description similaire - BU90002GWZ_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9102FVM ROHM-BD9102FVM_09 Datasheet
651Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9139MUV ROHM-BD9139MUV Datasheet
388Kb / 17P
   Output 2A or More High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com