Moteur de recherche de fiches techniques de composants électroniques |
|
BA06CC0FP-E2 Fiches technique(PDF) 1 Page - Rohm |
|
BA06CC0FP-E2 Fiches technique(HTML) 1 Page - Rohm |
1 / 23 page ○Product structure : Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. 1/20 TSZ02201-0R6R0A600130-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 26.Jun.2012 Rev.001 www.rohm.com Datasheet 2A/1A Fixed Output LDO Regulators BAxxDD0T Series BAxxCC0T Series BAxxCC0FP Series 2A/1A Fixed Output LDO Regulators With Shutdown Swicth BAxxDD0WT Series BAxxDD0HFP Series BAxxCC0WT Series BAxxCC0WFP Series ●General Description Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A / 1A. ROHM has a wide output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in the power supply line of the IC. ●Features ±1% highly accurate output voltage (BAxxDD0xx) Low saturation with PNP output Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits Built-in thermal shutdown circuit for protecting the IC from damage due to overloading Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges ●Key Specification Input Power Supply Voltage: 25V (Max.) Output voltage type: Fixed Output current: BAxxDD0xx series 2A (Max.) BAxxCC0xx series 1A (Max.) Shutdown current: 0 μA(Typ.) Operating temperature range: -40℃ to +125℃ ●Applications Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device ●Packages W (Typ.) x D (Typ.) x H (Max.) HRP5 9.395mm x 10.54mm x 2.005mm TO252-3 6.50 mm x 9.50mm x 2.50 mm TO252-5 6.50 mm x 9.50mm x 2.50 mm TO220FP-3 10.00 mm x 30.50mm x 4.60 mm TO220FP-5 10.00 mm x 30.50mm x 4.60 mm ●Lineup matrix ■1A output BAxxCC0xx Series Part Number Output voltage (V) Package 3.0 3.3 5.0 6.0 7.0 8.0 9.0 10.0 12.0 15.0 BAxxCC0WT ○ ○ ○ - ○ ○ ○ ○ ○ - TO220FP-5 BAxxCC0WFP - ○ ○ ○ ○ ○ ○ - ○ - TO252-5 BAxxCC0T ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO220FP-3 BAxxCC0FP ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO252-3 ■2A output BAxxDD0xx Series Part Number Output voltage (V) Package 1.5 1.8 2.5 3.0 3.3 5.0 9.0 12.0 16.0 BAxxDD0WT ○ ○ ○ ○ ○ ○ ○ ○ ○ TO220FP-5 BAxxDD0WHFP ○ ○ ○ ○ ○ ○ ○ ○ ○ HRP5 BAxxDD0T ○ ○ ○ ○ ○ ○ ○ ○ ○ TO220FP-3 TO252-5 TO220FP-5 TO220FP-3 HRP5 TO252-3 |
Numéro de pièce similaire - BA06CC0FP-E2 |
|
Description similaire - BA06CC0FP-E2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |