Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA12003BF Fiches technique(PDF) 6 Page - Rohm

No de pièce BA12003BF
Description  High voltage, high current Darlington transistor array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA12003BF Fiches technique(HTML) 6 Page - Rohm

  BA12003BF Datasheet HTML 1Page - Rohm BA12003BF Datasheet HTML 2Page - Rohm BA12003BF Datasheet HTML 3Page - Rohm BA12003BF Datasheet HTML 4Page - Rohm BA12003BF Datasheet HTML 5Page - Rohm BA12003BF Datasheet HTML 6Page - Rohm BA12003BF Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
INPUT VOLTAGE : VIN (V)
4
3
2
1
0
10
20
30
40
Ta = 25˚C
Ta = 75˚C
Ta =
−25˚C
Fig.16 Input current vs. input
voltage (BA12004B)
INPUT VOLTAGE : VIN (V)
0.5
1
1.5
2.5
2
25
20
15
10
5
0
Ta = 75˚C
Ta = 25˚C
Ta =
−25˚C
VOUT = 20V
RL = 68
Fig.17 Output voltage vs. input
voltage (BA12003B / BF)
25
20
5
15
10
0
12
3
4
5
Ta = 75˚C
Ta = 25˚C
Ta =
−25˚C
VOUT = 20V
RL = 68
INPUT VOLTAGE : VIN (V), VI (V)
Fig.18 Output voltage vs. input
voltage (BA12004B)
!
!
!
!
External dimensions (Units : mm)
DIP16
SOP16
BA12001B / BA12003B / BA12004B
BA12003BF
0.4 ± 0.1
1.27
0.15
0.3Min.
1
16
10.0 ± 0.2
8
9
0.3 ± 0.1
9
16
8
1
0.5 ± 0.1
19.4 ± 0.3
2.54
0
° ~ 15°
7.62


Numéro de pièce similaire - BA12003BF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA12003BF ROHM-BA12003BF Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
BA12003BF ROHM-BA12003BF Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
More results

Description similaire - BA12003BF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com