Moteur de recherche de fiches techniques de composants électroniques |
|
UC2901 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
UC2901 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 12 page PACKAGE OPTION ADDENDUM www.ti.com 5-Dec-2011 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) UC3901DTRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3901DW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3901DWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3901DWTR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3901DWTRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC3901N ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC3901NG4 ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type UC3901Q ACTIVE PLCC FN 20 46 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR UC3901QG3 ACTIVE PLCC FN 20 46 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR UC3901QTR ACTIVE PLCC FN 20 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR UC3901QTRG3 ACTIVE PLCC FN 20 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. |
Numéro de pièce similaire - UC2901 |
|
Description similaire - UC2901 |