Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5660BRJ-2500RL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5660BRJ-2500RL7
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJ-2500RL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5660BRJ-2500RL7 Datasheet HTML 4Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 5Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 6Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 9Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 10Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 11Page - Analog Devices AD5660BRJ-2500RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VFB to GND
−0.3 V to VDD + 0.3 V
VREFOUT to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Power Dissipation
(TJ max − TA)/θJA
SOT-23 Package (4-Layer Board)
θJA Thermal Impedance
119°C/W
MSOP Package (4-Layer Board)
θJA Thermal Impedance
141°C/W
θJC Thermal Impedance
44°C/W
Reflow Soldering Peak Temperature
SnPb
240°C
Pb-Free
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD5660BRJ-2500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5660BRJ-2 AD-AD5660BRJ-2 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

Description similaire - AD5660BRJ-2500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com