Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4110 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADF4110
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADF4110_13 Datasheet HTML 6Page - Analog Devices ADF4110_13 Datasheet HTML 7Page - Analog Devices ADF4110_13 Datasheet HTML 8Page - Analog Devices ADF4110_13 Datasheet HTML 9Page - Analog Devices ADF4110_13 Datasheet HTML 10Page - Analog Devices ADF4110_13 Datasheet HTML 11Page - Analog Devices ADF4110_13 Datasheet HTML 12Page - Analog Devices ADF4110_13 Datasheet HTML 13Page - Analog Devices ADF4110_13 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 10 of 28
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 3100MHz CARRIER (Hz)
103
102
104
105
106
RMS NOISE = 1.7°
RL = 40dBc/Hz
Figure 17. ADF4113 Integrated Phase Noise
(3100 MHz, 1 MHz, 100 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0MHz
–1.0MHz
3100MHz
1.0MHz
2.0MHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13s
AVERAGES = 1
REFERENCE
LEVEL = –17.2dBm
–80.6dBc/Hz
Figure 18. Reference Spurs (3100 MHz, 1 MHz, 100 kHz)
–180
–170
–160
–150
–140
–130
–120
PHASE DETECTOR FREQUENCY (kHz)
10
1
100
1000
10000
VDD = 3V
VP = 5V
Figure 19. ADF4113 Phase Noise (Referred to CP Output)
vs. Phase Detector Frequency
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 3V
Figure 20. ADF4113 Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
–100
–90
–80
–70
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD = 3V
VP = 5V
Figure 21. ADF4113 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
0
1
2
3
4
5
TUNING VOLTAGE (V)
VDD = 3V
VP = 5V
Figure 22. ADF4113 Reference Spurs (200 kHz) vs. VTUNE
(900 MHz, 200 kHz, 20 kHz)


Numéro de pièce similaire - ADF4110_13

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Description similaire - ADF4110_13

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com