Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856DWTR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2856DWTR
Description  Improved Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2856DWTR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button UC2856DWTR Datasheet HTML 6Page - Texas Instruments UC2856DWTR Datasheet HTML 7Page - Texas Instruments UC2856DWTR Datasheet HTML 8Page - Texas Instruments UC2856DWTR Datasheet HTML 9Page - Texas Instruments UC2856DWTR Datasheet HTML 10Page - Texas Instruments UC2856DWTR Datasheet HTML 11Page - Texas Instruments UC2856DWTR Datasheet HTML 12Page - Texas Instruments UC2856DWTR Datasheet HTML 13Page - Texas Instruments UC2856DWTR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
22-Apr-2011
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
UC3856Q
ACTIVE
PLCC
FN
20
46
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
Add to cart
UC3856QG3
ACTIVE
PLCC
FN
20
46
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
Add to cart
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF UC1856, UC2856, UC2856M, UC3856 :
Catalog: UC3856, UC2856
Automotive: UC2856-Q1, UC2856-Q1
Military: UC2856M, UC1856


Numéro de pièce similaire - UC2856DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856DWTR TI-UC2856DWTR Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856DWTRG4 TI-UC2856DWTRG4 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
More results

Description similaire - UC2856DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com