Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9517-4ABCPZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9517-4ABCPZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9517-4ABCPZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9517-4ABCPZ Datasheet HTML 6Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 7Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 8Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 9Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 10Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 11Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 12Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 13Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 10 of 80
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 1 GHz, Output = 50 MHz
Input slew rate > 1 V/ns
Divider = 20
At 10 Hz Offset
−124
dBc/Hz
At 100 Hz Offset
−134
dBc/Hz
At 1 kHz Offset
−142
dBc/Hz
At 10 kHz Offset
−151
dBc/Hz
At 100 kHz Offset
−157
dBc/Hz
At 1 MHz Offset
−160
dBc/Hz
>10 MHz Offset
−163
dBc/Hz
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL ABSOLUTE PHASE NOISE
Internal VCO; direct to LVPECL output
VCO = 1800 MHz; Output = 1800 MHz
At 1 kHz Offset
−47
dBc/Hz
At 10 kHz Offset
−82
dBc/Hz
At 100 kHz Offset
−106
dBc/Hz
At 1 MHz Offset
−125
dBc/Hz
At 10 MHz Offset
−142
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz
VCO = 1625 MHz; Output = 1625 MHz
At 1 kHz Offset
−55
dBc/Hz
At 10 kHz Offset
−85
dBc/Hz
At 100 kHz Offset
−109
dBc/Hz
At 1 MHz Offset
−128
dBc/Hz
At 10 MHz Offset
−143
dBc/Hz
At 40 MHz Offset
−147
dBc/Hz
VCO = 1450 MHz; Output = 1450 MHz
At 1 kHz Offset
−61
dBc/Hz
At 10 kHz Offset
−90
dBc/Hz
At 100 kHz Offset
−113
dBc/Hz
At 1 MHz Offset
−131
dBc/Hz
At 10 MHz Offset
−144
dBc/Hz
At 40 MHz Offset
−148
dBc/Hz


Numéro de pièce similaire - AD9517-4ABCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9517-4ABCPZ AD-AD9517-4ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4ABCPZ-RL7 AD-AD9517-4ABCPZ-RL7 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results

Description similaire - AD9517-4ABCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-4 AD-AD9522-4 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com