Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1816-20AKSZ-RL72 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADM1816-20AKSZ-RL72
Description  Microprocessor Reset Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1816-20AKSZ-RL72 Fiches technique(HTML) 1 Page - Analog Devices

  ADM1816-20AKSZ-RL72 Datasheet HTML 1Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 2Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 3Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 4Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 5Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 6Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 7Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 8Page - Analog Devices ADM1816-20AKSZ-RL72 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Microprocessor Reset Circuits
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Reliable low cost voltage monitor with reset output
Suitable for monitoring 2.5 V, 3 V, 3.3 V, and 5 V power
supply voltages
Reset threshold levels: 4.62 V, 4.35 V, 3.06 V, 2.88 V, 2.55 V,
2.31 V, and 2.18 V typical
Active high and low push-pull output choices: ADM1810,
ADM1812, ADM1815, and ADM1817
Open-drain output choices: ADM1811, ADM1813, ADM1816,
and ADM1818
Can be used with a manual push-button to generate a reset:
ADM1813, ADM1818
Initialization of microprocessor systems with added safety
Available in 3-lead SOT-23 and SC70 packages
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Automotive systems
GENERAL DESCRIPTION
The ADM181x range of voltage monitoring circuits is used in
any application where an electronic system needs to be reset
when a voltage increases above or below a predetermined value.
Because of the reset delay time incorporated into the ADM181x
series, these devices provide a safe startup for electronic systems.
Before a system initializes, the power supply must stabilize.
Using the ADM181x series ensures that there are typically 150 ms
for the power supply to stabilize before the system resets and
safe system initialization begins.
The ADM181x series of microprocessor reset circuits are
available in low cost, space-saving SOT-23 and SC70 packages.
FUNCTIONAL BLOCK DIAGRAMS
VCC
VCC
VCC
VCC
GND
GND
GND
RESET
MONITOR
5.5k
Ω
GND
5.5k
Ω
RST
ADM1810/ADM1815
ADM1811/ADM1816
ADM1812/ADM1817
ADM1813/ADM1818
VCC
TOLERANCE
BIAS
TC
REFERENCE
VCC
TOLERANCE
BIAS
TC
REFERENCE
VCC
TOLERANCE
BIAS
TC
REFERENCE
VCC
TOLERANCE
BIAS
TC
REFERENCE
150ms
DELAY
150ms
DELAY
150ms
DELAY
150ms
DELAY
RST
RST
RST
Figure 1.


Numéro de pièce similaire - ADM1816-20AKSZ-RL72

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1816-20ART-REEL AD-ADM1816-20ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-20ART-RL7 AD-ADM1816-20ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

Description similaire - ADM1816-20AKSZ-RL72

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com