Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP37GRT-REEL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce TMP37GRT-REEL7
Description  Low Voltage Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP37GRT-REEL7 Fiches technique(HTML) 5 Page - Analog Devices

  TMP37GRT-REEL7 Datasheet HTML 1Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 2Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 3Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 4Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 5Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 6Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 7Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 8Page - Analog Devices TMP37GRT-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 5 of 20
TEMPERATURE (°C)
–50
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
150
50
30
20
10
0
40
TEMPERATURE (°C)
0.4
0.3
0
–50
125
–25
0
25
50
75
100
0.2
0.1
+VS = 3V TO 5.5V, NO LOAD
FREQUENCY (Hz)
100.000
0.010
20
100k
100
1k
10k
Figure 5. Load Regulation vs. Temperature (m°C/μA)
TEMPERATURE (°C)
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
1.8
2.0
–50
–25
0
25
50
75
100
125
a
b
c
a. TMP35
b. TMP36
c. TMP37
+VS = 3V
Figure 6. Output Voltage vs. Temperature
a. MAXIMUM LIMIT (G GRADE)
b. TYPICAL ACCURACY ERROR
c. MINIMUM LIMIT (G GRADE)
TEMPERATURE (
°C)
2
–5
1
0
–1
–2
–3
–4
3
4
5
0
20
40
60
80
100
120
140
a
b
c
Figure 7. Accuracy Error vs. Temperature
Figure 8. Power Supply Rejection vs. Temperature
31.600
10.000
3.160
1.000
0.320
0.100
0.032
Figure 9. Power Supply Rejection vs. Frequency
TEMPERATURE (
°C)
4
3
0
2
1
5
50
125
25
0
25
50
75
100
b
a
MINIMUM SUPPLY VOLTAGE REQUIRED TO MEET
DATA SHEET SPECIFICATION
NO LOAD
a. TMP35/TMP36
b. TMP37
Figure 10. Minimum Supply Voltage vs. Temperature


Numéro de pièce similaire - TMP37GRT-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
TMP37GRT AD-TMP37GRT Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
More results

Description similaire - TMP37GRT-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
   LOW VOLTAGE HUMIDITY SENSORS
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com