Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1816-10AKS-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADM1816-10AKS-REEL
Description  Microprocessor Reset Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1816-10AKS-REEL Fiches technique(HTML) 5 Page - Analog Devices

  ADM1816-10AKS-REEL Datasheet HTML 1Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 2Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 3Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 4Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 5Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 6Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 7Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 8Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM181x
TOP VIEW
(Not to Scale)
RST/RST
1
VCC 2
GND
3
Figure 2. 3-Lead SOT-23 Pin Configuration
ADM181x
TOP VIEW
(Not to Scale)
1
VCC
2
GND
3
RST/RST
Figure 3. 3-Lead SC70 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
SOT-23
SC70
1
2
RST
Active High Reset Output. RST remains high while VCC is below the reset
threshold and remains high for 150 ms typical after VCC rises above the reset
threshold. Applies to the ADM1812 and ADM1817 only.
RST
Active Low Reset Output. RST remains low while VCC is below the reset threshold
and remains low for 150 ms typical after VCC rises above the reset threshold.
Applies to the ADM1810, ADM1811, ADM1813, ADM1815, ADM1816, and
ADM1818 only.
2
1
VCC
Supply Voltage. The supply voltage being monitored.
3
3
GND
Ground. 0 V ground reference for all signals.


Numéro de pièce similaire - ADM1816-10AKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1816-10ART-REEL AD-ADM1816-10ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-10ART-RL7 AD-ADM1816-10ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

Description similaire - ADM1816-10AKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com