Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP36GT9Z Fiches technique(PDF) 4 Page - Analog Devices

No de pièce TMP36GT9Z
Description  Low Voltage Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP36GT9Z Fiches technique(HTML) 4 Page - Analog Devices

  TMP36GT9Z Datasheet HTML 1Page - Analog Devices TMP36GT9Z Datasheet HTML 2Page - Analog Devices TMP36GT9Z Datasheet HTML 3Page - Analog Devices TMP36GT9Z Datasheet HTML 4Page - Analog Devices TMP36GT9Z Datasheet HTML 5Page - Analog Devices TMP36GT9Z Datasheet HTML 6Page - Analog Devices TMP36GT9Z Datasheet HTML 7Page - Analog Devices TMP36GT9Z Datasheet HTML 8Page - Analog Devices TMP36GT9Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter1, 2
Rating
Supply Voltage
7 V
Shutdown Pin
GND ≤ SHUTDOWN ≤ +VS
Output Pin
GND ≤ VOUT ≤ +VS
Operating Temperature Range
−55°C to +150°C
Die Junction Temperature
175°C
Storage Temperature Range
−65°C to +160°C
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature Range
10 sec to 20 sec
Ramp-Up Rate
3°C/sec
Ramp-Down Rate
−6°C/sec
Time 25°C to Peak Temperature
6 min
IR Reflow Soldering—Pb-Free Package
Peak Temperature
260°C (0°C)
Time at Peak Temperature Range
20 sec to 40 sec
Ramp-Up Rate
3°C/sec
Ramp-Down Rate
−6°C/sec
Time 25°C to Peak Temperature
8 min
1 Digital inputs are protected; however, permanent damage can occur on
unprotected units from high energy electrostatic fields. Keep units in
conductive foam or packaging at all times until ready to use. Use proper
antistatic handling procedures.
2 Remove power before inserting or removing units from their sockets.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device in
socket.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
TO-92 (T-3)
162
120
°C/W
SOIC_N (R-8)
158
43
°C/W
SOT-23 (RJ-5)
300
180
°C/W
ESD CAUTION


Numéro de pièce similaire - TMP36GT9Z

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
TMP36GT9Z UMW-TMP36GT9Z Datasheet
5Mb / 10P
   Scale factor: 10 mV/°C
More results

Description similaire - TMP36GT9Z

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
   LOW VOLTAGE HUMIDITY SENSORS
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com