Moteur de recherche de fiches techniques de composants électroniques |
|
ADM211EARUZ-REEL1 Fiches technique(PDF) 6 Page - Analog Devices |
|
ADM211EARUZ-REEL1 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 20 page ADM206E/ADM207E/ADM208E/ADM211E/ADM213E Rev. E | Page 6 of 20 TOP VIEW (Not to Scale) 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 ADM208E C1– V+ C1+ VCC GND T2OUT T1OUT R2IN R2OUT R1IN R1OUT T1IN C2+ C2– V– R4IN R4OUT T3OUT R3IN R3OUT T4IN T2IN T3IN T4OUT Figure 6. ADM208E Pin Configuration +5V TO +10V VOLTAGE DOUBLER +10V TO –10V VOLTAGE INVERTER 0.1µF 6.3V + + 0.1µF 5V INPUT + 0.1µF 10V 0.1µF 10V + 0.1µF 10V + T1 T2 T3 T4 R1 R2 R3 R4 GND ADM208E T1IN T2IN T3IN T4IN R1OUT R2OUT R3OUT R4OUT T1OUT T2OUT T3OUT T4OUT R1IN R2IN R3IN R4IN TTL/CMOS INPUTS1 TTL/CMOS OUTPUTS RS-232 OUTPUTS RS-232 INPUTS2 C1+ C1– C2+ C2– VCC V+ V– 1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT. 2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT. 20 23 7 16 15 3 9 11 4 17 21 19 22 14 13 6 18 5 10 12 24 1 2 8 Figure 7. ADM208E Typical Operating Circuit TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ADM211E T3OUT T1OUT T4OUT R3IN T2OUT R2IN R3OUT SHDN R2OUT T2IN R4IN T1IN R1OUT R4OUT T4IN R1IN GND T3IN R5OUT VCC C1+ R5IN V– V+ C1– C2– C2+ EN Figure 8. ADM211E Pin Configuration 0.1µF 10V 0.1µF 10V 0.1µF 10V TTL/CMOS INPUTS1 TTL/CMOS OUTPUTS RS-232 OUTPUTS RS-232 INPUTS2 0.1µF 6.3V + + 0.1µF 5V INPUT + + + T1 T2 T3 T4 R1 R2 R3 R4 R5 GND ADM211E T1IN T2IN T3IN T4IN R1OUT R2OUT R3OUT R4OUT R5OUT T1OUT T2OUT T3OUT T4OUT R1IN R2IN R3IN R4IN R5IN SHDN C1+ C1– C2+ C2– VCC V+ V– EN 1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT. 2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT. 23 25 4 9 18 3 2 27 28 1 17 11 13 22 24 5 8 19 6 7 26 21 20 15 16 12 14 10 +5V TO +10V VOLTAGE DOUBLER +10V TO –10V VOLTAGE INVERTER Figure 9. ADM211E Typical Operating Circuit |
Numéro de pièce similaire - ADM211EARUZ-REEL1 |
|
Description similaire - ADM211EARUZ-REEL1 |