Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1486ARZ-REEL1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM1486ARZ-REEL1
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1486ARZ-REEL1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM1486ARZ-REEL1 Datasheet HTML 4Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 5Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 6Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 7Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 8Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 9Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 10Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 11Page - Analog Devices ADM1486ARZ-REEL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1486
Rev. A | Page 8 of 16
SWITCHING CHARACTERISTICS
tPHL
tPLH
3V
0V
VO
B
A
VO
0V
–VO
1.5V
1.5V
tF
tR
10% POINT
10% POINT
90% POINT
90% POINT
1/2VO
tSKEW = |tPLH – tPHL|
Figure 9. Driver Propagation Delay, Rise/Fall Timing
tLZ
tZL
tHZ
tZH
VOH –0.5V
VOL +0.5V
A, B
A, B
DE
3V
0V
1.5V
1.5V
2.3V
2.3V
VOL
VOH
0V
Figure 10. Driver Enable/Disable Timing
A–B
RO
0V
0V
1.5V
1.5V
tPLH
tSKEW = |tPLH – tPHL|
tPHL
VOH
VOL
Figure 11. Receiver Propagation Delay
3V
0V
1.5V
1.5V
VOH
VOL
O/P LOW
O/P HIGH
tLZ
tZL
tHZ
tZH
VOH –0.5V
VOL +0.5V
1.5V
1.5V
RO
RO
RE
0V
Figure 12. Receiver Enable/Disable Timing


Numéro de pièce similaire - ADM1486ARZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1486ARZ-REEL1 AD-ADM1486ARZ-REEL1 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results

Description similaire - ADM1486ARZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com