Moteur de recherche de fiches techniques de composants électroniques |
|
ADM242ARZ Fiches technique(PDF) 2 Page - Analog Devices |
|
ADM242ARZ Fiches technique(HTML) 2 Page - Analog Devices |
2 / 11 page REV. –2– ADM222/ADM232A/ADM242–SPECIFICATIONS (VCC = 5 V 10%. C1–C4 = 0.1 F; all spec- ifications TMIN to TMAX unless otherwise noted.) Parameter Min Typ Max Unit Test Conditions/Comments RS-232 TRANSMITTERS Output Voltage Swing ±5 ±9 V All Transmitter Outputs Loaded with 3 k Ω to Ground Input Logic Threshold Low, VINL 1.7 0.8 V TIN Input Logic Threshold High, VINH 2.4 1.7 V TIN Logic Pull-Up Current 12 40 µATIN = 0 V Data Rate 200 kB/s Output Resistance 300 Ω VCC = V+ = V– = 0 V, VOUT = ±2 V Output Short Circuit Current (Instantaneous) ±10 mA RS-232 RECEIVERS RS-232 Input Voltage Range –30 +30 V RS-232 Input Threshold Low 0.8 1.2 V RS-232 Input Threshold High 1.6 2.4 V RS-232 Input Hysteresis 0.2 0.4 1.0 V VCC = 5 V RS-232 Input Resistance 3 5 7 k Ω TA = 0 °C to 85°C TTL/CMOS Output Voltage Low, VOL 0.05 0.4 V IOUT = 3.2 mA TTL/CMOS Output Voltage High, VOH 3.5 V IOUT = –1.0 mA TTL/CMOS Output Short-Circuit Current –2 –85 mA Source Current (VOUT = GND)* TTL/CMOS Output Short-Circuit Current 10 35 mA Sink Current (VOUT = VCC)* TTL/CMOS Output Leakage Current ±0.05 ±10 µA SHDN = GND/EN = V CC 0 V ≤ VOUT ≤ VCC EN Input Threshold Low, V INL 1.4 0.8 V EN Input Threshold High, V INH 2.0 1.4 V POWER SUPPLY Power Supply Current 4 8 mA No Load 13 mA 3 k Ω Load on Both Outputs Shutdown Power Supply Current 0.1 10 µA SHDN Input Leakage Current ±1 µA SHDN Input Threshold Low, V INL 1.4 0.8 V SHDN Input Threshold High, V INH 2.0 1.4 V AC CHARACTERISTICS Transition Region Slew Rate 3 8 30 V/ µsCL = 50 pF to 1000 pF, RL = 3 kΩ to 7 kΩ Measured from +3 V to –3 V or –3 V to +3 V Transmitter Propagation Delay TTL to RS-232 0.85 3.5 µst PHLT 1.0 3.5 µstPLHT Receiver Propagation Delay RS-232 to TTL 0.1 0.5 µstPHLR 0.3 0.5 µst PLHR Receiver Output Enable Time 125 500 ns tER Receiver Output Disable Time 160 500 ns tDR Transmitter Output Enable Time 250 µs SHDN Goes High Transmitter Output Disable Time 3.5 µs SHDN Goes Low Transmitter + to – Propagation Delay Difference 150 ns Receiver + to – Propagation Delay Difference 200 ns *Guaranteed by design, not production tested. Specifications subject to change without notice. B |
Numéro de pièce similaire - ADM242ARZ |