Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM232AARNZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADM232AARNZ
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM232AARNZ Fiches technique(HTML) 1 Page - Analog Devices

  ADM232AARNZ Datasheet HTML 1Page - Analog Devices ADM232AARNZ Datasheet HTML 2Page - Analog Devices ADM232AARNZ Datasheet HTML 3Page - Analog Devices ADM232AARNZ Datasheet HTML 4Page - Analog Devices ADM232AARNZ Datasheet HTML 5Page - Analog Devices ADM232AARNZ Datasheet HTML 6Page - Analog Devices ADM232AARNZ Datasheet HTML 7Page - Analog Devices ADM232AARNZ Datasheet HTML 8Page - Analog Devices ADM232AARNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM222/ADM232A/ADM242
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax:
© Analog Devices, Inc.,
High-Speed, 5 V, 0.1 F
CMOS RS-232 Drivers/Receivers
FEATURES
200 kB/s Transmission Rate
Small (0.1
F) Charge Pump Capacitors
Single 5 V Power Supply
Meets All EIA-232-E and V.28 Specifications
Two Drivers and Two Receivers
On-Board DC-DC Converters
9 V Output Swing with 5 V Supply
30 V Receiver Input Levels
Pin Compatible with MAX222/MAX232A/MAX242
APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments
FUNCTIONAL BLOCK DIAGRAM
* INTERNAL 400k PULL-UP RESISTOR
ON EACH TTL/CMOS INPUT
** INTERNAL 5k PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM2xx
T2
R1
R2
0.1 F
0.1 F
0.1 F
GND
TTL/CMOS
OUTPUTS
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
0.1 F
5V INPUT
0.1 F
EN
SHDN
(ADM242)
(ADM222, ADM242)
VCC
GENERAL DESCRIPTION
The ADM222, ADM232A, ADM242 are a family of high-speed
RS-232 line drivers/receivers offering transmission rates up to
200 kB/s. Operating from a single 5 V power supply, a highly
efficient on-chip charge pump using small (0.1
µF) external
capacitors allows RS-232 bipolar levels to be developed. Two
RS-232 drivers and two RS-232 receivers are provided on
each device.
The devices are fabricated on BiCMOS, an advanced mixed
technology process that combines low power CMOS with high-
speed bipolar circuitry. This allows for transmission rates up to
200 kB/s, yet minimizes the quiescent power supply current to
under 5 mA.
The ADM232A is a pin-compatible, high-speed upgrade for the
AD232 and for the ADM232L. It is available in 16-lead DIP
and in both narrow and wide surface-mount (SOIC) packages.
The ADM222 contains an additional shutdown (
SHDN) func-
tion that may be used to disable the device, thereby reducing the
supply current to 0.1
µA. During shutdown, all transmit/receive
functions are disabled. The ADM222 is available in 18-lead
DIP and in a wide surface-mount (SOIC) package.
The ADM242 combines both shutdown (
SHDN) and enable
(
EN) functions. The shutdown function reduces the supply
current to 0.1 mA. During shutdown, the transmitters are dis-
abled but the receivers continue to operate normally. The
enable function allows the receiver outputs to be disabled
thereby facilitating sharing a common bus. The ADM242 is
available in 18-lead DIP and in a wide surface-mount (SOIC)
package.
781/461-3113
B
2010


Numéro de pièce similaire - ADM232AARNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM232AARNZ AD-ADM232AARNZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
logo
Guangdong Youtai Semico...
ADM232AARNZ UMW-ADM232AARNZ Datasheet
960Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Analog Devices
ADM232AARNZ-REEL AD-ADM232AARNZ-REEL Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AARNZ-REEL7 AD-ADM232AARNZ-REEL7 Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com