Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4118BRUZ-RL1 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADF4118BRUZ-RL1
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4118BRUZ-RL1 Fiches technique(HTML) 4 Page - Analog Devices

  ADF4118BRUZ-RL1 Datasheet HTML 1Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 2Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 3Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 4Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 5Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 6Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 7Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 8Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4116/ADF4117/ADF4118
Rev. D | Page 4 of 28
Parameter
B Version1
Y Version2
Unit
Test Conditions/Comments
POWER SUPPLIES
AVDD
2.7 to 5.5
2.7 to 5.5
V min to V max
DVDD
AVDD
AVDD
VP
AVDD to 6.0
AVDD to 6.0
V min to V max
AVDD ≤ VP ≤ 6.0 V
IDD (AIDD + DIDD)6
ADF4116
5.5
mA max
4.5 mA typical
ADF4117
5.5
mA max
4.5 mA typical
ADF4118
7.5
7.5
mA max
6.5 mA typical
IP
0.4
0.4
mA max
TA = 25°C
Low-Power Sleep Mode
1
1
μA typ
NOISE CHARACTERISTICS
ADF4118 Normalized Phase Noise
Floor7
−213
−213
dBc/Hz typ
Phase Noise Performance8
@ VCO output
ADF4116 540 MHz Output9
−89
−89
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
ADF4117 900 MHz Output10
−87
−87
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
ADF4118 900 MHz Output10
−90
−90
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
ADF4117 836 MHz Output11
−78
−78
dBc/Hz typ
@ 300 Hz offset and 30 kHz PFD frequency
ADF4118 1750 MHz Output12
−85
−85
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
ADF4118 1750 MHz Output13
−65
−65
dBc/Hz typ
@ 200 Hz offset and 10 kHz PFD frequency
ADF4118 1960 MHz Output14
−84
−84
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
Spurious Signals
ADF4116 540 MHz Output10
−88/−99
−88/−99
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency
ADF4117 900 MHz Output10
−90/−104
−90/−104
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency
ADF4118 900 MHz Output 10
−91/−100
−91/−100
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency
ADF4117 836 MHz Output11
−80/−84
−80/−84
dBc typ
@ 30 kHz/60 kHz and 30 kHz PFD frequency
ADF4118 1750 MHz Output12
−88/−90
−88/−90
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency
ADF4118 1750 MHz Output13
−65/−73
−65/−73
dBc typ
@ 10 kHz/20 kHz and 10 kHz PFD frequency
ADF4118 1960 MHz Output14
−80/−86
−80/−86
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD frequency
1 Operating temperature range for the B version is −40°C to +85°C.
2 Operating temperature range for the Y version is −40°C to +125°C.
3 This is the maximum operating frequency of the CMOS counters.
4 AC coupling ensures AVDD/2 bias. See Figure 35 for typical circuit.
5 Guaranteed by design.
6 TA = 25°C; AVDD = DVDD = 3 V; RFIN for ADF4116 = 540 MHz; RFIN for ADF4117, ADF4118 = 900 MHz.
7 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO, PNTOT, and subtracting 20logN (where N is the N
divider value) and 10logFPFD: PNSYNTH = PNTOT – 10logFPFD – 20logN.
8 The phase noise is measured with the EVAL-ADF411xEB and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the synthesizer
(fREFOUT = 10 MHz @ 0 dBm).
9 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 540 MHz; N = 2700; loop bandwidth = 20 kHz.
10 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 900 MHz; N = 4500; loop bandwidth = 20 kHz.
11 fREFIN = 10 MHz; fPFD = 30 kHz; offset frequency = 300 Hz; fRF = 836 MHz; N = 27867; loop bandwidth = 3 kHz.
12 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1750 MHz; N = 8750; loop bandwidth = 20 kHz.
13 fREFIN = 10 MHz; fPFD = 10 kHz; offset frequency = 200 Hz; fRF = 1750 MHz; N = 175000; loop bandwidth = 1 kHz.
14 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 1960 MHz; N = 9800; loop bandwidth = 20 kHz.


Numéro de pièce similaire - ADF4118BRUZ-RL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4118BRU AD-ADF4118BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4118BRU AD-ADF4118BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

Description similaire - ADF4118BRUZ-RL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com