Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9204BCPZ-201,2 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9204BCPZ-201,2
Description  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9204BCPZ-201,2 Fiches technique(HTML) 5 Page - Analog Devices

  AD9204BCPZ-201,2 Datasheet HTML 1Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 2Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 3Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 4Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 5Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 6Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 7Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 8Page - Analog Devices AD9204BCPZ-201,2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9204
Rev. 0 | Page 5 of 36
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9204-20/AD9204-40
AD9204-65
AD9204-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
61.7
61.5
61.3
dBFS
fIN = 30.5 MHz
25°C
61.6
61.4
61.3
dBFS
Full
61.0
60.5
dBFS
fIN = 70 MHz
25°C
61.6
61.4
61.3
dBFS
Full
60.4
dBFS
fIN = 200 MHz
25°C
61.0
61.0
dBFS
SIGNAL-TO-NOISE-AND DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
61.5
61.2
61.1
dBFS
fIN = 30.5 MHz
25°C
61.5
61.2
61.1
dBFS
Full
60.1
59.7
dBFS
fIN = 70 MHz
25°C
61.5
61.2
61.1
dBFS
Full
59.5
dBFS
fIN = 200 MHz
25°C
60
60
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
9.9
9.8
9.8
Bits
fIN = 30.5 MHz
25°C
9.9
9.8
9.8
Bits
fIN = 70 MHz
25°C
9.9
9.8
9.8
Bits
fIN = 200 MHz
25°C
9.6
9.6
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−81
−78
−78
dBc
fIN = 30.5 MHz
25°C
−81
−78
−78
dBc
Full
−65
−64
dBc
fIN = 70 MHz
25°C
−82
−78
−78
dBc
Full
−64
dBc
fIN = 200 MHz
25°C
−73
−73
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
78
75
75
dBc
fIN = 30.5 MHz
25°C
78
75
75
dBc
Full
65
64
dBc
fIN = 70 MHz
25°C
78
75
75
dBc
Full
64
dBc
fIN = 200 MHz
25°C
73
73
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−82
−80
−80
dBc
fIN = 30.5 MHz
25°C
−82
−80
−80
dBc
Full
−71
−70
dBc
fIN = 70 MHz
25°C
−82
−80
−80
dBc
Full
−70
dBc
fIN = 200 MHz
25°C
−80
−80
dBc
TWO-TONE SFDR
fIN = 30.5 MHz (−7 dBFS), 32.5 MHz (−7 dBFS)
25°C
78
78
dBc
CROSSTALK2
Full
−100
−100
−100
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.


Numéro de pièce similaire - AD9204BCPZ-201,2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9204BCPZ-20 AD-AD9204BCPZ-20 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
More results

Description similaire - AD9204BCPZ-201,2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com