Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

192993-0106 Fiches technique(PDF) 8 Page - ITT Industries

No de pièce 192993-0106
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

192993-0106 Fiches technique(HTML) 8 Page - ITT Industries

Back Button 192993-0106 Datasheet HTML 4Page - ITT Industries 192993-0106 Datasheet HTML 5Page - ITT Industries 192993-0106 Datasheet HTML 6Page - ITT Industries 192993-0106 Datasheet HTML 7Page - ITT Industries 192993-0106 Datasheet HTML 8Page - ITT Industries 192993-0106 Datasheet HTML 9Page - ITT Industries 192993-0106 Datasheet HTML 10Page - ITT Industries 192993-0106 Datasheet HTML 11Page - ITT Industries 192993-0106 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Typical Nomenclature:
TST
02
PA
0
0
*
Series
TST = Trident Snap Together
Number of Contacts
02
03
04
06
12
24
36
Plating Style
T= Tin
Y
= Gold
Z
= Gold Flash
*= None (no contacts)
Contact Type
0= No Contacts (Standard for Plug and Panel
Mounted Receptacle)
1= Machined Solder Tail Pin
2= Machined Solder Tail Socket
5= Formed Stamped Solder Tail Pin
6= Formed Stamped Solder Tail Socket
Color of Moulding
0= Black
Cannon Trident Connectors
Snap Together - Rectangular
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac
No breakdown
Thermal Shock
-55°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage
Physical Shock
50 g’s peak, 3 axes,
No physical damage.
11 millisecond duration half-sine pulse
No loss of continuity >1 sec
Vibration
10 g’s peak,
No physical damage,
10-500 Hz, 9 hours
No loss of continuity >1 sec
Durability
500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmating
and meet contact resistance requirements
High Temperature Endurance
1000 hours at 125°C (+257°F)
Insulation Resistance > 100 MΩ
Humidy Steady State
RH 90-95%, 40°C (+104°F), 504 hours
Insulation Resistance > 100 MΩ
Moisture Resistance
10 Cycles
Insulation Resistance > 100 MΩ
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
How to Order
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
8
Type
PA
Plug; Free
RB
Receptacle; For PCB, with Mounting Lugs
RA
Receptacle; Panel Mounting
(delivered without any contacts)
RR
Receptacle, For PCB, 90
° Right Angle Mounting
(only for 12 position connectors with machined contacts)
AS
Accessory; Receptacle Shroud
AH
Accessory; Plug Strain Relief Hood


Numéro de pièce similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0350 ITT-192990-0350 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0360 ITT-192990-0360 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0360 ITT-192990-0360 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Description similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com