Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MS3116-J-10-6P Datasheet(Fiches technique) 71 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

 71 page
background image
69
Application Tools
“SE”, “CE”
The following data includes information pertaining to the application tools for crimping, insert-
ing and removing size 20, 16, and 12 contacts incorporated in Amphenol® Miniature Cylindri-
cal Connectors.
All crimping tools included are the “full cycling” type, and when used as specified by the manu-
facturer, provide reliable crimped wire to contact termination.
Tool frames and turret heads are available from approved tool manufacturers; consult Amphe-
nol, Sidney, NY for listings.
Assembly instructions are available online at www.amphenol-aerospace.com
See the following:
L-786 for SE assembly instructions
L-658 for CE assembly instructions
L-555 for solder type instructions
CRIMPING TOOLS
FOR PT-SE, SP-SE, PC-SE, MS/PT-SE
(MIL-C-26482, Series 1) Connectors
Contact
Size
MS Tool Part Number
Tool Frame
Turret Head
20
M22520/1-01
M22520/1-02
16
M22520/1-01
M22520/1-02
12
M22520/1-01
M22520/1-02
* Use Daniels TH254 or equivalent
FOR PT-CE, SP-CE, PC-CE (Proprietary)
Connectors
Contact
Size
MS Tool Part Number
Tool Frame
Turret Head
20
M22520/1-01*
*
16
M22520/1-01*
*
INSERTION/REMOVAL TOOLS
FOR PT-SE, SP-SE, PC-SE, MS/PT-SE
(MIL-C-26482, Series 1) Connectors
Contact
Size
Insertion Tool
Removal Tool
Amphenol®
Contact
Insertion Pliers
Amphenol®
Contact
Insertion Tool
MS
Part Number
Contact
Insertion Tool
Amphenol®
Contact
Removal Tool
MS
Part Number
Contact
Removal Tool
20
11-8107-20
11-7401-20
M81969/17-03
11-7880-20
M81969/19-07
16
11-8107-16
11-7401-16
M81969/17-04
11-7880-16
M81969/19-08
12
M81969/17-05
M81969/19-09
FOR PT-CE, SP-CE, PC-CE (Proprietary)
Connectors
Contact
Size
Insertion/Removal Tool
Contact Insertion
Pliers
Contact Removal Tool
Kit
20
11-6782
11-6900
16
11-6781
11-6900




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl