Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS3116-J-10-6P Fiches technique(PDF) 52 Page - Amphenol Corporation

No de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3116-J-10-6P Fiches technique(HTML) 52 Page - Amphenol Corporation

Back Button MS3116-J-10-6P Datasheet HTML 48Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 49Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 50Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 51Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 52Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 53Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 54Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 55Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 56Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
50
Amphenol PC
threaded coupling and solder termination
®
wall mounting
receptacle
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
Amphenol® PC Series threaded coupling miniature cylin-
drical connectors incorporate solder contacts. The PC dou-
ble stub threaded coupling system cannot be cross
threaded, and is mechanically assisted while engaging and
disengaging.
Shell components are aluminum. Bright cadmium plating to
QQ-P-416 with a clear chromate after-treatment provides a
golden colored conductive finish. Single key/keyway polariza-
tion represents maximum simplicity in a design proven in mil-
lions of AN connectors.
Both pins and sockets are machined from a copper alloy and
are gold plated. This gold plating eliminates contact corrosion
and offers an indefinite shelf life. Socket contacts for these
series are a closed entry design.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gas-
ket and superior electrical insulation of the contacts in the
insert.
The PC is intermateable and intermountable within the PC
threaded coupling series.
Refer to pages 4-11 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
PC-SE and PC-CE, which are threaded coupling and incorporate crimp
contacts, are briefly covered on pages 62 and 63. It is necessary to
contact Amphenol for ordering information on these types.


Numéro de pièce similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
MS3116 GLENAIR-MS3116 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
Amphenol Corporation
MS3116E18-11S AMPHENOL-MS3116E18-11S Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-8-2S AMPHENOL-MS3116F-8-2S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results

Description similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02H-14-5P AMPHENOL-PT02H-14-5P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-10-6P AMPHENOL-PT02A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-14-12P AMPHENOL-PT02A-14-12P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com