Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MS3116-J-10-6P Datasheet(Fiches technique) 40 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

 40 page
background image
38
Breakaway PT-SE with Crimp Contacts,
Potted Termination
71-4196XX-(
)
72-4196XX-(
)
Breakaway PT-SE with Crimp Contacts,
Environmental with Strain Relief
71-2511XX-(
)
72-2511XX-(
)
Breakaway PT-SE with Crimp Contacts,
Environmental
71-3455XX-(
)
72-3455XX-(
)
PT-SE Breakaway
twist pull plug
Part
Number*
Part
Number*
Part
Number*
Shell
Size
A Dia.
Max.
B
Max.
C +.020
–.000
D +.020
–.000
F Dia.
±.016
H Dia.
±.016
J
±.010
L
Max.
L1
Max.
L2
Max.
71-419646
71-251181
71-345510
10
1.125
1.125
.030
.337
.188
.444
.353
1.875
2.140
2.156
71-419647
71-251182
71-345512
12
1.281
1.406
.030
.337
.312
.558
.353
1.875
2.156
2.406
71-419648
71-251183
71-345514
14
1.438
1.562
.030
.337
.375
.683
.353
1.906
2.203
2.406
71-419649
71-251184
71-345516
16
1.562
1.688
.030
.337
.500
.808
.353
1.969
2.250
2.531
71-419650
71-251185
71-345518
18
1.718
1.844
.030
.337
.625
.909
.353
2.000
2.281
2.531
71-419651
71-251186
71-345520
20
1.875
2.000
.092
.399
.625
1.034
.415
2.281
2.359
2.719
71-419652
71-251187
71-345522
22
2.031
2.188
.092
.399
.750
1.159
.415
2.344
2.453
2.844
71-419653
71-251188
71-345524
24
2.156
2.312
.092
.399
.800
1.284
.415
2.406
2.453
2.906
All dimensions for reference only.
* See Finish information below to determine prefix 71 or 72 in part number.
Drawing above shows standard lanyard length.
The PT-SE miniature breakaway connector has the following
design features:
• crimp front release, front removable contacts in “SE” spring
tower retention system
• 3 styles available: potted termination, environmental style
and environment style with a strain relief
• instant decoupling of plug and receptacle with an axial
pull on the lanyard when they are fully mated
• intermateable with standard receptacles
• operating voltage to 900 VAC (RMS) at sea level
• quick positive bayonet coupling and 5 key/keyway polarization
Order by Amphenol Propriety number as follows (example part number shown):
71 -
4196
50
-
32
P
12
34
5
1. Finish
“71” designates corrosion resistant olive drab cadmium plate
“72” designates anodic coated (electrically nonconductive-anodic) finish providing extreme wear and corrosion resistance, 500 hr.
extended salt spray.
2. Connector Type Identification
4196XX designates PT-SE plug, crimp, potted termination style
2511XX designates PT-SE plug, crimp, environmental with strain relief style
3455XX designates PT-SE plug, crimp, environmental
3. Shell Size
See part number columns in chart above for 2 digit number at end that correlates to the shell size. Example: ‘50’ correlates to shell size 18.
4. Insert Arrangement Number
See insert availability for Miniature Breakaway connectors on page 6. The number following the hyphen is the insert arrangement number.
Pin Contacts
Socket Contacts
Amphenol
Letter
Equates to
MS letter
Amphenol
Letter
Equates to
MS letter
GPW
H
SW
IPX
J
SX
KPY
L
SY
M
PZ
N
SZ
5. Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal positioning of inserts. When an
alternate position of the insert is required to prevent cross-mating a different letter
(other than P or S) is used. See page 7 for description of alternate positions; then con-
vert to Amphenol proprietary coding by the chart at right to complete the part number.
C
PIN
INSERT
LANYARD PULLED TAUT
AGAINST A .200 ±.031 DIA MANDREL
D
4.500
J
SOCKET
INSERT
±.250
L
C
PIN
INSERT
D
4.500
J
SOCKET
INSERT
±.250
L1
H
C
PIN
INSERT
D
5.000
J
SOCKET
INSERT
±.250
L 2
F
B
A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl