Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBK321616T-700Y-N Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce GBK321616T-700Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GBK321616T-700Y-N Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GBK321616T-700Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 13Page - List of Unclassifed Manufacturers GBK321616T-700Y-N Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
17
TAPE DIMENSIONS
Unit: mm
TAPE MATERIAL
PACKAGING QUANTITY
REEL DIMENSIONS
Unit: mm
RECOMMENDED PATTERN
Unit: mm
Type B
Type A
A±0.1
B±0.1
P±0.1
4±0.1
2±0.05
1.75±0.1
T±0.05
T±0.05
K±0.05
160mm Min.
Blank Part
Cover Tape
Chip Mounting
Part
Blank
330mm Min.
Leader
Carrier Tape :
Cover Tape : Polyethyiene
Polystyrene (Type A), Paper (Type B)
1.0
A±2
C±1
D±0.5
B±1
21±0.8
2±0.5
13±0.5
A
B
Solder Land Inductor
C
TYPE
A
B
T
W
P
F
K
TAPE
TYPE
SB/NB/PB/HF
100505
0.65
1.15
0.60
8.0
2.0
3.5
-
B
SB/NB/GB/PB/UPB/HF 160808
1.05
1.85
0.95
8.0
4.0
3.5
-
B
SB/NB/GB/PB/UPB
201209
1.50
2.30
0.97
8.0
4.0
3.5
-
B
UPB
201212
1.35
2.25
0.22
8.0
4.0
3.5
1.35
A
SB/NB/GB/PB/UPB
321611
1.88
3.50
0.22
8.0
4.0
3.5
1.27
A
SB/GB
321616
1.88
3.53
0.22
8.0
4.0
3.5
1.80
A
SB/GB/PB
322513
2.77
3.42
0.22
8.0
4.0
3.5
1.55
A
SB/GB/PB/UPB
451616
1.93
4.95
0.24
12.0
4.0
5.5
1.93
A
SB/GB/PB/UPB
453215
3.66
4.95
0.24
12.0
8.0
5.5
1.85
A
TYPE
QUANTITY/REEL
SB/NB/PB/HF
100505
10,000
SB/NB/GB/PB/UPB/HF 160808
4,000
SB/NB/GB/PB/UPB
201209
4,000
UPB
201212
3,000
SB/NB/GB/PB/UPB
321611
3,000
SB/GB
321616
2,000
SB/GB/PB
322513
2,500
SB/GB/PB/UPB
451616
2,000
SB/GB/PB/UPB
453215
1,000
TYPE
A
B
C
D
SB/NB/PB/HF
100505
178
60
12
2
SB/NB/GB/PB/UPB/HF 160808
178
60
12
2
SB/NB/GB/PB/UPB
201209
178
60
12
2
UPB
201212
178
60
12
2
SB/NB/GB/PB/UPB
321611
178
60
12
2
SB/GB
321616
178
60
12
2
SB/GB/PB
322513
178
60
12
2
SB/GB/PB/UPB
451616
178
60
14
2
SB/GB/PB/UPB
453215
178
60
14
2
TYPE
A
B
C
SB/NB/PB/HF
100505
0.4
1.2 ~ 1.4
0.5
SB/NB/GB/PB/UPB/HF 160808
0.7 ~ 0.8
1.8 ~ 2.0
0.6 ~ 0.8
SB/NB/GB/PB/UPB
201209
1.0 ~ 1.2
2.6 ~ 4.0
1.0 ~ 1.2
UPB
201212
1.0 ~ 1.2
2.6 ~ 4.0
1.0 ~ 1.2
SB/NB/GB/PB/UPB
321611
2
4.2 ~ 5.2
1.2
SB/GB
321616
2
4.2 ~ 5.2
1.2
SB/GB/PB
322513
2
5.5 ~ 6.5
1.8
SB/GB/PB/UPB
451616
3
5.5 ~ 6.5
1.2
SB/GB/PB/UPB
453215
3
5.5 ~ 6.5
2.4


Numéro de pièce similaire - GBK321616T-700Y-N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GBK10 ETC2-GBK10 Datasheet
53Kb / 1P
   Loadcenters Circuit BreakersType BR Loadcenters Circuit Breakers
logo
Dc Components
GBK25A DCCOM-GBK25A Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25B DCCOM-GBK25B Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25D DCCOM-GBK25D Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25G DCCOM-GBK25G Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Description similaire - GBK321616T-700Y-N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com