Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7706BRZ-REEL1 Fiches technique(PDF) 18 Page - Analog Devices

No de pièce AD7706BRZ-REEL1
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7706BRZ-REEL1 Fiches technique(HTML) 18 Page - Analog Devices

Back Button AD7706BRZ-REEL1 Datasheet HTML 14Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 15Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 16Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 17Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 18Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 19Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 20Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 21Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD7705/AD7706
Rev. C | Page 18 of 44
Table 16. Operating Mode Options
MD1
MD0
Operating Mode
0
0
Normal Mode. In this mode, the device performs normal conversions.
0
1
Self-Calibration. This activates self-calibration on the channel selected by CH1 and CH0 of the communication register. This
is a one-step calibration sequence. When the sequence is complete, the part returns to normal mode, with both MD1 and
MD0 returning to 0. The DRDY output or bit goes high when calibration is initiated, and returns low when self-calibration is
complete and a new valid word is available in the data register. The zero-scale calibration is performed at the selected gain
on internally shorted (zeroed) inputs, and the full-scale calibration is performed at the selected gain on an internally
generated VREF/selected gain.
1
0
Zero-Scale System Calibration. This activates zero-scale system calibration on the channel selected by CH1 and CH0 of the
communication register. Calibration is performed at the selected gain on the input voltage provided at the analog input
during this calibration sequence. This input voltage should remain stable for the duration of the calibration. The DRDY
output or bit goes high when calibration is initiated, and returns low when zero-scale calibration is complete and a new
valid word is available in the data register. At the end of the calibration, the part returns to normal mode, with both MD1
and MD0 returning to 0.
1
1
Full-Scale System Calibration. This activates full-scale system calibration on the selected input channel. Calibration is
performed at the selected gain on the input voltage provided at the analog input during this calibration sequence. This
input voltage should remain stable for the duration of the calibration. The DRDY output or bit goes high when calibration is
initiated, and returns low when full-scale calibration is complete and a new valid word is available in the data register. At the
end of the calibration, the part returns to normal mode, with both MD1 and MD0 returning to 0.
Table 17. Gain Selection
G2
G1
G0
Gain Setting
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
32
1
1
0
64
1
1
1
128


Numéro de pièce similaire - AD7706BRZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7706BRZ-REEL1 AD-AD7706BRZ-REEL1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

Description similaire - AD7706BRZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com