Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7706BRZ1 Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD7706BRZ1
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7706BRZ1 Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD7706BRZ1 Datasheet HTML 8Page - Analog Devices AD7706BRZ1 Datasheet HTML 9Page - Analog Devices AD7706BRZ1 Datasheet HTML 10Page - Analog Devices AD7706BRZ1 Datasheet HTML 11Page - Analog Devices AD7706BRZ1 Datasheet HTML 12Page - Analog Devices AD7706BRZ1 Datasheet HTML 13Page - Analog Devices AD7706BRZ1 Datasheet HTML 14Page - Analog Devices AD7706BRZ1 Datasheet HTML 15Page - Analog Devices AD7706BRZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD7705/AD7706
Rev. C | Page 12 of 44
OUTPUT NOISE (5 V OPERATION)
Table 5 shows the AD7705/AD7706 output rms noise for the
selectable notch and −3 dB frequencies for the parts, as selected
by FS0 and FS1 of the clock register. The numbers given are for
the bipolar input ranges with a VREF of 2.5 V and VDD = 5 V.
These numbers are typical and are generated at an analog input
voltage of 0 V with the parts used in either buffered or unbuffered
mode. Table 6 shows the output peak-to-peak noise for the
selectable notch and −3 dB frequencies for the parts.
Note that these numbers represent the resolution for which
there is no code flicker. They are not calculated based on rms
noise, but on peak-to-peak noise. The numbers given are for
bipolar input ranges with a VREF of 2.5 V for either buffered or
unbuffered mode. These numbers are typical and are rounded
to the nearest LSB. The numbers apply for the CLKDIV bit of
the clock register set to 0.
Table 5. Output RMS Noise vs. Gain and Output Update Rate @ 5 V
Typical Output RMS Noise in μV
Filter First
Notch and
O/P Data Rate
−3 dB
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
50 Hz
13.1 Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
60 Hz
15.72 Hz
5.1
2.5
1.4
0.8
0.75
0.7
0.67
0.62
250 Hz
65.5 Hz
110
49
31
17
8
3.6
2.3
1.7
500 Hz
131 Hz
550
285
145
70
41
22
9.1
4.7
MCLK IN = 1 MHz
20 Hz
5.24 Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
25 Hz
6.55 Hz
5.1
2.5
1.4
0.8
0.75
0.7
0.67
0.62
100 Hz
26.2 Hz
110
49
31
17
8
3.6
2.3
1.7
200 Hz
52.4 Hz
550
285
145
70
41
22
9.1
4.7
Table 6. Peak-to-Peak Resolution vs. Gain and Output Update Rate @ 5 V
Typical Peak-to-Peak Resolution Bits
Filter First
Notch and
O/P Data Rate
−3 dB
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
50 Hz
13.1 Hz
16
16
16
16
16
16
15
14
60 Hz
15.72 Hz
16
16
16
16
15
14
14
13
250 Hz
65.5 Hz
13
13
13
13
13
13
12
12
500 Hz
131 Hz
10
10
10
10
10
10
10
10
MCLK IN = 1 MHz
20 Hz
5.24 Hz
16
16
16
16
16
16
15
14
25 Hz
6.55 Hz
16
16
16
16
15
14
14
13
100 Hz
26.2 Hz
13
13
13
13
13
13
12
12
200 Hz
52.4 Hz
10
10
10
10
10
10
10
10


Numéro de pièce similaire - AD7706BRZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7706BRZ1 AD-AD7706BRZ1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

Description similaire - AD7706BRZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com