Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7715AN-3 Fiches technique(PDF) 33 Page - Analog Devices

No de pièce AD7715AN-3
Description  3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7715AN-3 Fiches technique(HTML) 33 Page - Analog Devices

Back Button AD7715AN-3 Datasheet HTML 29Page - Analog Devices AD7715AN-3 Datasheet HTML 30Page - Analog Devices AD7715AN-3 Datasheet HTML 31Page - Analog Devices AD7715AN-3 Datasheet HTML 32Page - Analog Devices AD7715AN-3 Datasheet HTML 33Page - Analog Devices AD7715AN-3 Datasheet HTML 34Page - Analog Devices AD7715AN-3 Datasheet HTML 35Page - Analog Devices AD7715AN-3 Datasheet HTML 36Page - Analog Devices AD7715AN-3 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD7715
Rev. D | Page 33 of 40
AD7715 TO 8XC51 INTERFACE
An interface circuit between the AD7715 and the 8XC51
microcontroller is shown in Figure 12. The diagram shows the
minimum number of interface connections with CS on the
AD7715 hardwired low. In the case of the 8XC51 interface, the
minimum number of interconnects is just two. In this scheme,
the DRDY bit of the communications register is monitored to
determine when the data register is updated. The alternative
scheme, which increases the number of interface lines to three,
is to monitor the DRDY output line from the AD7715. The
monitoring of the DRDY line can be done in two ways. First,
DRDY can be connected to one of the 8XC51’s port bits (such
as P1.0) which is configured as an input. This port bit is then
polled to determine the status of DRDY. The second scheme
is to use an interrupt driven system in which case, the DRDY
output is connected to the INT1 input of the 8XC51. For
interfaces that require control of the CS input on the AD7715,
one of the port bits of the 8XC51 (such as P1.1), which is
configured as an output, can be used to drive the CS input.
The 8XC51 is configured in its Mode 0 serial interface mode. Its
serial interface contains a single data line. As a result, the
DOUT and DIN pins of the AD7715 should be connected
together with a 10 kΩ pull-up resistor. The serial clock on the
8XC51 idles high between data transfers. The 8XC51 outputs
the LSB first in a write operation while the AD7715 rearranged
before being written to the output serial register. Similarly, the
AD7715 outputs the MSB first during a read operation while
the 8XC51 expects the LSB first. Therefore, the data which is
read into the serial buffer needs to be rearranged before the
correct data word from the AD7715 is available in the
accumulator.
AD7715
DOUT
8XC51
DIN
SCLK
P3.0
P3.1
10k
RESET
DVDD
DVDD
CS
Figure 12. AD7715 to 8XC51 Interface
AD7715 TO ADSP-2103/ADSP-2105 INTERFACE
Figure 13 shows an interface between the AD7715 and the
ADSP-2103/ADSP-2105 DSP processor. In the interface shown,
the DRDY bit of the communications register is monitored to
determine when the data register is updated. The alternative
scheme is to use an interrupt driven system, in which case the
DRDY output is connected to the IRQ2 input of the ADSP-2103/
ADSP-2105. The serial interface of the ADSP-2103/ADSP-2105
is set up for alternate framing mode. The RFS and TFS pins
of the ADSP-2103/ADSP-2105 are configured as active low
outputs, and the ADSP-2103/ADSP-2105 serial clock line,
SCLK, is also configured as an output. The CS for the AD7715
is active when either the RFS or TFS outputs from the ADSP-
2103/ADSP-2105 are active. The serial clock rate on the ADSP-
2103/ADSP-2105 should be limited to 3 MHz to ensure correct
operation with the AD7715.
DVDD
AD7715
DOUT
ADSP-2103/
ADSP-2105
DIN
SCLK
RFS
DR
DT
TFS
SCLK
RESET
CS
Figure 13. AD7715 to ADSP-2103/ADSP-2105 Interface


Numéro de pièce similaire - AD7715AN-3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7715AN-3 AD-AD7715AN-3 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715AN-3 AD-AD7715AN-3 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
More results

Description similaire - AD7715AN-3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com