Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC6504P005VCTTR Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce TC6504P005VCTTR
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6504P005VCTTR Fiches technique(HTML) 13 Page - Microchip Technology

Back Button TC6504P005VCTTR Datasheet HTML 8Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 9Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 10Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 11Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 12Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 13Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 14Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 15Page - Microchip Technology TC6504P005VCTTR Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21451E-page 13
TC6501/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC6501:
Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6502:
Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6503:
Ultra Small Temp Switch with Pin-Selectable
Hysteresis
TC6504:
Ultra Small Temp Switch with Pin-Selectable
Hysteresis
Standard Temperature
Threshold:
N015
= -15°C (TC6503, TC6504)
P005
= 5°C (TC6503, TC6504
P045
= 45°C (TC6501, TC6502)
P065
= 65°C (TC6501, TC6502)
P075
= 75°C (TC6501, TC6502)
P095
= 95°C (TC6501, TC6502)
P105
= 105°C (TC6501)
P115
= 115°C (TC6501, TC6502)
P120
= 120°C (TC6501)
P125
= 125°C (TC6501, TC6502)
Package:
VCTTR
= SOT-23, 5-lead (Tape and Reel)
VCTRT
= SOT-23, 5-lead (Reverse Tape and Reel)
(Available only in 95°C and 125°C
temperatures for TC6501)
PART NO.
XXXX
Standard
Temperature
Device
Threshold
XXXXX
Package
Examples:
a)
TC6501P045VCTTR: 5-Pin SOT-23A, 45°C,
Open-Drain, tape and reel.
b)
TC6501P065VCTTR: 5-Pin SOT-23A, 65°C,
Open-Drain, tape and reel.
c)
TC6501P095VCTTR: 5-Pin SOT-23A, 95°C,
Open-Drain, tape and reel.
d)
TC6501P095VCTRT: 5-Pin SOT-23A, 95°C,
Open-Drain,
reverse tape and reel.
e)
TC6501P125VCTRT: 5-Pin SOT-23A, 125°C,
Open-Drain,
reverse tape and reel.
a)
TC6502P045VCTTR
5-Pin SOT-23A, 45°C,
Push-Pull, tape and reel.
b)
TC6502P065VCTTR
5-Pin SOT-23A, 65°C,
Push-Pull, tape and reel.
c)
TC6502P095VCTTR: 5-Pin SOT-23A, 95°C,
Push-Pull, tape and reel.
a)
TC6503N015VCTTR
5-Pin SOT-23A, -15°C,
Open-Drain, tape and reel.
b)
TC6503P005VCTTR: 5-Pin SOT-23A, 5°C,
Open-Drain, tape and reel.
a)
TC6504N015VCTTR: 5-Pin SOT-23A, -15°C,
Push-Pull, tape and reel.
b)
TC6504P005VCTTR: 5-Pin SOT-23A, 5°C,
Push-Pull, tape and reel.
Examples:
a)
TC6501P045VCTTR: 5-Pin SOT-23A, 45°C,
Open-Drain, tape and reel.
b)
TC6501P065VCTTR: 5-Pin SOT-23A, 65°C,
Open-Drain, tape and reel.
c)
TC6501P095VCTTR: 5-Pin SOT-23A, 95°C,
Open-Drain, tape and reel.
d)
TC6501P095VCTRT: 5-Pin SOT-23A, 95°C,
Open-Drain,
reverse tape and reel.
e)
TC6501P125VCTRT: 5-Pin SOT-23A, 125°C,
Open-Drain,
reverse tape and reel.
a)
TC6502P045VCTTR
5-Pin SOT-23A, 45°C,
Push-Pull, tape and reel.
b)
TC6502P065VCTTR
5-Pin SOT-23A, 65°C,
Push-Pull, tape and reel.
c)
TC6502P095VCTTR: 5-Pin SOT-23A, 95°C,
Push-Pull, tape and reel.
a)
TC6503N015VCTTR
5-Pin SOT-23A, -15°C,
Open-Drain, tape and reel.
b)
TC6503P005VCTTR: 5-Pin SOT-23A, 5°C,
Open-Drain, tape and reel.
a)
TC6504N015VCTTR: 5-Pin SOT-23A, -15°C,
Push-Pull, tape and reel.
b)
TC6504P005VCTTR: 5-Pin SOT-23A, 5°C,
Push-Pull, tape and reel.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.


Numéro de pièce similaire - TC6504P005VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC6504P005VCTTR MICROCHIP-TC6504P005VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6504P005VCTTR MICROCHIP-TC6504P005VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6504P005VCTTR MICROCHIP-TC6504P005VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6504P005VCTTR MICROCHIP-TC6504P005VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Description similaire - TC6504P005VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com