Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7418ARZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7418ARZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7418ARZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7418ARZ Datasheet HTML 3Page - Analog Devices AD7418ARZ Datasheet HTML 4Page - Analog Devices AD7418ARZ Datasheet HTML 5Page - Analog Devices AD7418ARZ Datasheet HTML 6Page - Analog Devices AD7418ARZ Datasheet HTML 7Page - Analog Devices AD7418ARZ Datasheet HTML 8Page - Analog Devices AD7418ARZ Datasheet HTML 9Page - Analog Devices AD7418ARZ Datasheet HTML 10Page - Analog Devices AD7418ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
VDD to DGND
−0.3 V to +7 V
Analog Input Voltage to AGND
AIN1 to AIN4
−0.3 V to VDD + 0.3 V
Reference Input Voltage to AGND1
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
A Version
−40°C to +125°C
B Version
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP, Power Dissipation
450 mW
θJA Thermal Impedance
120°C/W
Lead Temperature, Soldering
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
16-Lead SOIC Package, Power Dissipation
450 mW
θJA Thermal Impedance
100°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
8-Lead SOIC Package, Power Dissipation
450 mW
θJA Thermal Impedance
157°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
MSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
206°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 If the reference input voltage is likely to exceed VDD by more than 0.3 V (for
example, during power-up) and the reference is capable of supplying 30 mA
or more, it is recommended to use a clamping diode between the REFIN pin
and the VDD pin. Figure 5 shows how the diode should be connected.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
REFIN
BAT81
AD7417
VDD
Figure 5. Diode Connection
ESD CAUTION


Numéro de pièce similaire - AD7418ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7418AR AD-AD7418AR Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7418AR-REEL AD-AD7418AR-REEL Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7418AR-REEL7 AD-AD7418AR-REEL7 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7418ARM AD-AD7418ARM Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7418ARM-REEL AD-AD7418ARM-REEL Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
More results

Description similaire - AD7418ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7816 AD-AD7816 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
   Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com