Moteur de recherche de fiches techniques de composants électroniques |
|
TC6502P075VCT Fiches technique(PDF) 2 Page - Microchip Technology |
|
TC6502P075VCT Fiches technique(HTML) 2 Page - Microchip Technology |
2 / 16 page TC6501/2/3/4 DS21451E-page 2 2002-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings* Supply Voltage (VCC) .............................. -0.3V to +7V Input Current (All Pins) .......................................20 mA Output Current (All Pins) ....................................20 mA Operating Temperature Range..........- 55°C to +135°C Storage Temperature Range .............- 65°C to +165°C TOVER (TC6501)....................................... -0.3V to +7V TOVER (TC6502)......................... -0.3V to (VCC + 0.3V) TUNDER (TC6503)....................................... -0.3V to 7V TUNDER (TC6504)....................... -0.3V to (VCC + 0.3V) All Other Pins ............................. -0.3V to (VCC + 0.3V) Maximum Junction Temperature, TJ .................. 150°C Power Dissipation (TA = +70°C): (Derate 7.1 mW/°C Above +70°C) ...............570 mW * Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifica- tions is not implied. Exposure to maximum rating con- ditions for extended periods may affect device reliability. ELECTRICAL SPECIFICATIONS Electrical Characteristics: Unless otherwise noted, VCC = +2.7V to +5.5V, RPULL-UP = 100 k (TC6501/TC6503 only), 100 pF decoupling capacitor from VCC to GND, TAMB = -55°C to +135°C. Typical values are at TA = +25°C. Parameter Symbol Min Typ Max Unit Test Conditions Supply Voltage Range VCC 2.7 — 5.5 V Supply Current ICC —17 40 µA HYST Input Threshold VIH 0.8 x VCC — — V HYST Input Threshold VIL — — 0.2 x VCC V Temperature Threshold Accuracy (Note 1) T TH -6 ±0.5 6 °C -45°C to -25°C -4 ±0.5 4 °C -15°C to +15°C -4 ±0.5 4 °C +35°C to +65°C -6 ±0.5 6 °C +75°C to +125°C Temperature Threshold Hysteresis THYST — 2.0 — °C HYST = GND —10 — °C HYST = VCC Output Voltage High VOH 0.8 x VCC — — V ISOURCE = 500 µA, VCC > 2.7V (TC6502/TC6504 Only) VCC - 1.5 — — V ISOURCE = 800 µA, VCC > 4.5V (TC6502/TC6504 Only) Output Voltage Low VOL —— 0.3 V ISINK = 1.2 mA, VCC > 2.7V —— 0.4 V ISINK = 3.2 mA, VCC > 4.5V Open-Drain Output Leakage Current — 10 — nA VCC = 2.7V, TUNDER = 5.5V (TC6503); TOVER = 5.5V (TC6501) Note 1: The TC6501/2/3/4 are available with internal, factory-programmed temperature trip thresholds from -45°C to +125°C, in +10°C increments. |
Numéro de pièce similaire - TC6502P075VCT |
|
Description similaire - TC6502P075VCT |