Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10-69518-11S Fiches technique(PDF) 65 Page - Amphenol Corporation

No de pièce 10-69518-11S
Description  Amphenol QWL Series Cylindrical Connectors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10-69518-11S Fiches technique(HTML) 65 Page - Amphenol Corporation

Back Button 10-69518-11S Datasheet HTML 61Page - Amphenol Corporation 10-69518-11S Datasheet HTML 62Page - Amphenol Corporation 10-69518-11S Datasheet HTML 63Page - Amphenol Corporation 10-69518-11S Datasheet HTML 64Page - Amphenol Corporation 10-69518-11S Datasheet HTML 65Page - Amphenol Corporation 10-69518-11S Datasheet HTML 66Page - Amphenol Corporation 10-69518-11S Datasheet HTML 67Page - Amphenol Corporation 10-69518-11S Datasheet HTML 68Page - Amphenol Corporation 10-69518-11S Datasheet HTML 69Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
64
QWL
thermocouple arrangements
Military connector specifications do not provide for thermo-
couple contact usage in established MS inserts. Amphe-
nol® has established a series of insert arrangements
containing thermocouple contacts. Some inserts have
been rotated into positions outside those covered by MS
drawings to prevent cross plugging. Available thermocou-
ple arrangements are tabulated on the following pages.
Please contact your local sales office or Sidney, NY for
additional information regarding thermocouple arrange-
ments particular to your application.
The following abbreviations are used in the contact material column:
Abbreviation
Ir.
Con.
Cu.
Ch.
Al.
Dummy
Material
Iron
Constantan
Copper
Chromel
Alumel
Brass
†Insert arrangements including the letter “S” are available in QWL Series Connectors only.*No rotation required.
Shell
Size
and Arrg.†
Similar
To
MS Arrg.
Total
Con-
tacts
Contact
Size
Pin Insert
Rotation
C/W
Contact Material
12
16
12S-51
12S-3
2
2
315°
A = Ch.; B = Al.
12S-54
12S-3
2
2
315°
A = Ir.; B = Con.
12S-55
12S-3
2
2
45°
A = Cu.; B = Con.
12S-56
12S-3
2
2
None
A = Al.; B = Ch.
12S-57
12S-3
2
2
60°
A = Ch.; B = Al.
12S-58
12S-3
2
2
120°
A = Ir.; B = Con.
12S-59
12S-3
2
2
None
A = Ir.; B = Con.
12S-60
12S-3
2
2
None
A = Cu.; B = Con.
12S-61
12S-3
2
2
None
A = Ch.; B = Con.
12S-62
12S-3
2
2
None
A = Ch.; B = Al.
12S-64
12S-3
2
2
315°
A = Cu.; B = Con.
12S-65
12S-3
2
2
None
A = Con.; B = Ir.
14S-51
14S-9
2
2
90°
A = Al.; B = Ch.
14S-52
14S-2
4
4
45°
A, B = Cu.; C = Al.; D = Ch.
14S-53
14S-9
2
2
90°
A = Ir.; B = Con.
14S-54
14S-6
6
6
45°
A, C, E = Ir.; B, D, F = Con.
14S-55
14S-2
4
4
45°
A, C = Ir.; B, D = Con.
14S-56
14S-2
4
4
45°
A = Ir.; B = Con.; C, D = Cu.
14S-57
14S-2
4
4
45°
A, C = Al.; B, D = Ch.
14S-58
14S-7
3
3
45°
A = Al.;B = Ch.;C = Cu.
14S-59
14S-9
2
2
90°
A = Cu.; B = Con.
14S-60
14S-9
2
2
*
A = Al.; B = Ch.
14S-61
14S-6
6
6
45°
A = Al.; B = Ch.; C = Ir.; D = Con.; E, F = Cu.
14S-63
14S-6
6
6
*
A, C = Al.; B, D = Ch.; E = Ir.; F = Con.
14S-64
14S-2
4
4
*
A, C = Con.; B, D = Cu.
14S-65
14S-6
6
6
*
A, C, E = Cu.; B, D, F = Con.
14S-67
14S-6
6
6
*
A = Al.; B = Ch.; Bal = Cu.
14S-68
14S-2
4
4
45°
A = Ch.; B = Con.; C, D = Cu.
14S-69
14S-7
3
3
*
A = Con.; B = Ch.; C = Cu.
14S-70
14S-2
4
4
*
A, D = Ch.; B, C = Al.
14S-71
14S-2
4
4
*
A, B, D = Cu.; C = Con.
14S-72
14S-9
2
2
*
A = Con.; B = Cu.
14S-73
14S-2
4
4
*
A, B = Cu.; C = Al.; D = Ch.


Numéro de pièce similaire - 10-69518-11S

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
10-600-LPI BEL-10-600-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
logo
List of Unclassifed Man...
10-621 ETC2-10-621 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
10-621 ETC2-10-621 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Molex Electronics Ltd.
10-63-3024 MOLEX11-10-63-3024 Datasheet
55Kb / 1P
   SPOX 5/7.5 PITCH REC HSG
10-63-3034 MOLEX11-10-63-3034 Datasheet
55Kb / 1P
   SPOX 5/7.5 PITCH REC HSG
More results

Description similaire - 10-69518-11S

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-109628-21S AMPHENOL-10-109628-21S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com