Moteur de recherche de fiches techniques de composants électroniques |
|
AD5551BRZ-REEL7 Fiches technique(PDF) 16 Page - Analog Devices |
|
AD5551BRZ-REEL7 Fiches technique(HTML) 16 Page - Analog Devices |
16 / 16 page AD5551/AD5552 Rev. A | Page 16 of 16 OUTLINE DIMENSIONS CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MS-012-AA 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) 45° 8° 0° 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 4 1 85 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2441) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 Figure 31. 8-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-8) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MS-012-AB 14 8 7 1 6.20 (0.2441) 5.80 (0.2283) 4.00 (0.1575) 3.80 (0.1496) 8.75 (0.3445) 8.55 (0.3366) 1.27 (0.0500) BSC SEATING PLANE 0.25 (0.0098) 0.10 (0.0039) 0.51 (0.0201) 0.31 (0.0122) 1.75 (0.0689) 1.35 (0.0531) 0.50 (0.0197) 0.25 (0.0098) 1.27 (0.0500) 0.40 (0.0157) 0.25 (0.0098) 0.17 (0.0067) COPLANARITY 0.10 8° 0° 45° Figure 32. 14-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-14) Dimensions shown in millimeters and (inches) ORDERING GUIDE Model1 INL DNL Temperature Range Package Description Package Option AD5551BRZ ±1 LSB ±0.8 LSB −40°C to +85°C 8-Lead SOIC_N R-8 AD5551BRZ-REEL7 ±1 LSB ±0.8 LSB −40°C to +85°C 8-Lead SOIC_N R-8 AD5551BR ±1 LSB ±0.8 LSB −40°C to +85°C 8-Lead SOIC_N R-8 AD5551BR-REEL7 ±1 LSB ±0.8 LSB −40°C to +85°C 8-Lead SOIC_N R-8 AD5552BRZ ±1 LSB ±0.8 LSB −40°C to +85°C 14-Lead SOIC_N R-14 1 Z = RoHS Compliant Part. ©2000–2010 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D01943-0-5/10(A) |
Numéro de pièce similaire - AD5551BRZ-REEL7 |
|
Description similaire - AD5551BRZ-REEL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |