Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5551BRZ-REEL7 Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD5551BRZ-REEL7
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5551BRZ-REEL7 Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD5551BRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 15Page - Analog Devices AD5551BRZ-REEL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD5551/AD5552
Rev. A | Page 12 of 16
Assuming a perfect reference, the worst-case output voltage
may be calculated from the following equation:
()
INL
V
V
V
D
V
ZSE
GE
REF
UNI
OUT
+
+
+
×
=
14
2
where:
VOUT–UNI is the unipolar mode worst-case output.
D is the decimal code loaded to the DAC.
VREF is the reference voltage applied to part.
VGE is the gain error in volts.
VZSE is the zero-scale error in volts.
INL is the integral nonlinearity in volts.
BIPOLAR OUTPUT OPERATION
With the aid of an external op amp, the AD5552 may be confi-
gured to provide a bipolar voltage output. A typical circuit of
such operation is shown in Figure 24. The matched bipolar
offset resistors RFB and RINV are connected to an external op amp
to achieve this bipolar output swing where RFB = RINV = 28 kΩ.
Table 7 shows the transfer function for this output operating
mode. Also provided on the AD5552 are a set of Kelvin
connections to the analog ground inputs.
+5V
–5V
VOUT
INV
RFB
VREFF
AGNDF AGNDS
VDD
DIN
SCLK
CS
AD5552
VREFS
DGND
0.1µF
0.1µF
10µF
UNIPOLAR
OUTPUT
EXTERNAL
OP AMP
2.5V
5V
LDAC
SERIAL
INTERFACE
RINV
RFB
Figure 24. Bipolar Output (AD5552 Only)
Table 7. Bipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output
11 1111 1111 1111
+VREF × (8191/8192)
10 0000 0000 0000
+VREF × (1/8192)
00 0000 0000 0001
0 V
00 0000 0000 0000
−VREF × (1/8192)
00 0000 0000 0000
−VREF × (8191/8192) = –VREF
Assuming a perfect reference, the worst-case bipolar output
voltage may be calculated from the following equation.
A
RD
RD
V
RD
V
V
V
REF
OS
UNI
OUT
BIP
OUT
/
)
2
(
1
)
1
(
)
2
)(
[(
+
+
+
+
+
=
where:
VOS is the external op amp input offset voltage.
RD is the RFB and RIN resistor matching error, unitless.
A is the op amp open-loop gain.
OUTPUT AMPLIFIER SELECTION
For bipolar mode, use a precision amplifier, supplied from a
dual power supply. This provides the ±VREF output. In a single-
supply application, selection of a suitable op amp may be more
difficult as the output swing of the amplifier does not usually
include the negative rail, in this case AGND. This can result in
some degradation of the specified performance unless the
application does not use codes near zero.
The selected op amp needs to have a very low-offset voltage,
(the DAC LSB is 152 μV with a 2.5 V reference), to eliminate
the need for output offset trims. Input bias current should also
be very low as the bias current multiplied by the DAC output
impedance (approximately 6K) adds to the zero-code error.
Rail-to-rail input and output performance is required. For fast
settling, the slew rate of the op amp should not impede the
settling time of the DAC. Output impedance of the DAC is
constant and code-independent, but to minimize gain errors,
the input impedance of the output amplifier should be as high
as possible. The amplifier should also have a 3 dB bandwidth of
1 MHz or greater. The amplifier adds another time constant to
the system, therefore increasing the settling time of the output.
A higher 3 dB amplifier bandwidth results in a faster effective
settling time of the combined DAC and amplifier.
FORCE SENSE BUFFER AMPLIFIER SELECTION
These amplifiers can be single-supply or dual supplies, low
noise amplifiers. A low-output impedance at high frequencies
is preferred as they need to be able to handle dynamic currents
of up to ±20 mA.


Numéro de pièce similaire - AD5551BRZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5551BR AD-AD5551BR Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results

Description similaire - AD5551BRZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com