Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5421BCPZ-REEL7 Fiches technique(PDF) 17 Page - Analog Devices

No de pièce AD5421BCPZ-REEL7
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5421BCPZ-REEL7 Fiches technique(HTML) 17 Page - Analog Devices

Back Button AD5421BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 15Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 16Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 17Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 18Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 19Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 20Page - Analog Devices AD5421BCPZ-REEL7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD5421
Rev. F | Page 17 of 36
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.6
0.8
0.4
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TIME (Seconds)
VLOOP = 24V
EXT NMOS
INT VREF
ILOOP = 4mA
RLOAD = 500Ω
TA = 25°C
1.33mV p-p
0.2mV rms
Figure 24. Loop Current Noise, 500 Hz to 10 kHz Bandwidth
(HART Bandwidth)
6
5
4
3
2
1
0
–40
–30
–20
–10
0
10
20
30
40
TIME (µs)
FALLING
RISING
VLOOP = 24V
EXT NMOS
RLOAD = 250Ω
TA = 25°C
CIN = OPEN CIRCUIT
Figure 25. Full-Scale Loop Current Step
6
5
4
3
2
1
0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (ms)
FALLING
RISING
VLOOP = 24V
EXT NMOS
RLOAD = 250Ω
TA = 25°C
CIN = 22nF
Figure 26. Full-Scale Loop Current Step, CIN = 22 nF
0.244
0.226
0.228
0.230
0.232
0.234
0.236
0.238
0.240
0.242
0
0.5
1.0
1.5
2.0
DIGITAL LOGIC VOLTAGE (V)
DECREASING
INCREASING
IODVDD = 1.8V
TA = 25°C
Figure 27. IODVDD Current vs. Digital Logic Voltage, Increasing and
Decreasing, IODVDD = 1.8 V
0.60
0.55
0.50
0.45
0.40
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
DIGITAL LOGIC VOLTAGE (V)
IODVDD = 3.3V
TA = 25°C
DECREASING
INCREASING
Figure 28. IODVDD Current vs. Digital Logic Voltage, Increasing and
Decreasing, IODVDD = 3.3 V
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0
6
5
4
3
2
1
DIGITAL LOGIC VOLTAGE (V)
IODVDD = 5V
TA = 25°C
DECREASING
INCREASING
Figure 29. IODVDD Current vs. Digital Logic Voltage, Increasing and
Decreasing, IODVDD = 5 V


Numéro de pièce similaire - AD5421BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5421BREZ AD-AD5421BREZ Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
More results

Description similaire - AD5421BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com