Moteur de recherche de fiches techniques de composants électroniques |
|
AD5253BRUZ100 Fiches technique(PDF) 12 Page - Analog Devices |
|
AD5253BRUZ100 Fiches technique(HTML) 12 Page - Analog Devices |
12 / 32 page AD5253/AD5254 Data Sheet Rev. C | Page 12 of 32 –60 –48 –24 –12 0 –36 –54 –30 –18 –6 –42 1k 10k 10 100 100k 1M 10M FREQUENCY (Hz) 0xFF 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 0x00 Figure 15. Gain vs. Frequency vs. Code, RAB = 50 kΩ, TA = 25°C –60 –48 –24 –12 0 –36 –54 –30 –18 –6 –42 1k 10k 10 100 100k 1M 10M FREQUENCY (Hz) 0xFF 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 0x00 Figure 16. Gain vs. Frequency vs. Code, RAB = 100 kΩ, TA = 25°C CODE (Decimal) –100 –80 –60 –40 –20 0 20 40 60 80 100 0 32 64 96 128 160 192 224 256 100k 10k 50k VDD = 5.5V 1k Figure 17. ΔRAB vs. Code, TA = 25°C CLOCK FREQUENCY (Hz) 0 0.6 0.4 0.2 0.8 1.0 1.2 1 100 10 1k 10k 100k 1M 10M VDD = 2.7V TA = 25°C VDD = 5.5V Figure 18. Supply Current vs. Digital Input Clock Frequency DIGITAL FEEDTHROUGH CLK VDD = 5V VW MIDSCALE TRANSITION 7FH 80H 400ns/DIV Figure 19. Clock Feedthrough and Midscale Transition Glitch VWB0 (0xFF STORED IN EEMEM) VWB3 (0xFF STORED IN EEMEM) VDD = VA0 = VA3 = 3.3V GND = VB0 = VB3 MIDSCALE PRESET RESTORE RDAC0 SETTING TO 0xFF RESTORE RDAC3 SETTING TO 0xFF VDD (NO DE- COUPLING CAPS) MIDSCALE PRESET Figure 20. tEEMEM_RESTORE of RDAC0 and RDAC3 |
Numéro de pièce similaire - AD5253BRUZ100 |
|
Description similaire - AD5253BRUZ100 |