Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5253BRU100 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD5253BRU100
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU100 Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD5253BRU100 Datasheet HTML 21Page - Analog Devices AD5253BRU100 Datasheet HTML 22Page - Analog Devices AD5253BRU100 Datasheet HTML 23Page - Analog Devices AD5253BRU100 Datasheet HTML 24Page - Analog Devices AD5253BRU100 Datasheet HTML 25Page - Analog Devices AD5253BRU100 Datasheet HTML 26Page - Analog Devices AD5253BRU100 Datasheet HTML 27Page - Analog Devices AD5253BRU100 Datasheet HTML 28Page - Analog Devices AD5253BRU100 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 25 of 32
D (Code in Decimal)
0
25
50
75
100
0
10
32
48
63
RWA
RWB
Figure 43. AD5253 RWA(D) and RWB(D) vs. Decimal Code
Since the digital potentiometer is not ideal, a 75 Ω finite wiper
resistance is present that can easily be seen when the device is
programmed at zero scale. Because of the fine geometric and
interconnects employed by the device, care should be taken to
limit the current conduction between W and B to no more than
±5 mA continuous for a total resistance of 1 kΩ or a pulse of
±20 mA to avoid degradation or possible destruction of the
device. The maximum dc current for AD5253 and AD5254 are
shown in Figure 21 and Figure 22, respectively.
Similar to the mechanical potentiometer, the resistance of the
RDAC between Wiper W and Terminal A also produces a
digitally controlled complementary resistance, RWA. When these
terminals are used, the B terminal can be opened. The RWA
starts at a maximum value and decreases as the data loaded into
the latch increases in value (see Figure 43. The general equation
for this operation is
AD5253: RWA(D) = [(64 – D)/64] × RAB + 75 Ω
(3)
AD5254: RWA(D) = [(256 – D)/256] × RAB + 75 Ω
(4)
The typical distribution of RAB from channel-to-channel
matches is about ±0.15% within a given device. On the other
hand, device-to-device matching is process-lot dependent with
a ±20% tolerance.
PROGRAMMABLE POTENTIOMETER OPERATION
If all three terminals are used, the operation is called potenti-
ometer mode (see Figure 44); the most common configuration
is the voltage divider operation.
A
B
W
VI
VC
Figure 44. Potentiometer Mode Configuration
If the wiper resistance is ignored, the transfer function is simply
AD5253:
B
AB
W
V
V
D
V
+
×
=
64
(5)
AD5254:
B
AB
W
V
V
D
V
+
×
=
256
(6)
A more accurate calculation that includes the wiper resistance
effect is
A
W
AB
W
AB
N
W
V
R
R
R
R
D
D
V
2
2
)
(
+
+
=
(7)
where 2N is the number of steps.
Unlike in rheostat mode operation, where the tolerance is high,
potentiometer mode operation yields an almost ratiometric
function of D/2N with a relatively small error contributed by the
RW terms. Therefore, the tolerance effect is almost cancelled.
Similarly, the ratiometric adjustment also reduces the
temperature coefficient effect to 50 ppm/°C, except at low value
codes where RW dominates.
Potentiometer mode operations include other applications such
as op amp input, feedback-resistor networks, and other voltage-
scaling applications. The A, W, and B terminals can, in fact, be
input or output terminals, provided that |VA|, |VW|, and |VB| do
not exceed VDD to VSS.


Numéro de pièce similaire - AD5253BRU100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253BRU100 AD-AD5253BRU100 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU100 AD-AD5253BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Description similaire - AD5253BRU100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com