Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2DU1 Fiches technique(PDF) 17 Page - Altech corporation

No de pièce 2DU1
Description  Typical UL508 Application
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTECH [Altech corporation]
Site Internet  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2DU1 Fiches technique(HTML) 17 Page - Altech corporation

Back Button 2DU1 Datasheet HTML 11Page - Altech corporation 2DU1 Datasheet HTML 12Page - Altech corporation 2DU1 Datasheet HTML 13Page - Altech corporation 2DU1 Datasheet HTML 14Page - Altech corporation 2DU1 Datasheet HTML 15Page - Altech corporation 2DU1 Datasheet HTML 16Page - Altech corporation 2DU1 Datasheet HTML 17Page - Altech corporation 2DU1 Datasheet HTML 18Page - Altech corporation 2DU1 Datasheet HTML 19Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
35
40
50
60
70
80
90
100
110
120
130
140
150
160
AmbientTemperature
maximum
20%offRCfor
atotaloff10poles
ormore,adjacent
mounted*
upto3poles
adjacent
mounted
(°C)
-40-40 -30-22 -20-4 -1014 032 1050 2068 3086 40104 50122 60140 70158 80176 90194 (°F)
AmbientTemperatureAdjustment
5%ofRCforevery10°C(18°F).
AdjacentMountingTemperature
Adjustment3%ofRCforevery
additionalpoleabove3.
Maximum20%offRCforatotal
of10polesormore.*
*Coolingspacer(Part#15.960)
betweeneachgroupof3poles
willeliminatetheseadjustments.
TEMPERATURE CORRECTION CURVE
AmbientTemperatureandAdjacentMounting/LoadingAdjustment
(V-EA/MAAmbientTemperature-25°Cto55°C,StorageTemperature-40°Cto70°C)


Numéro de pièce similaire - 2DU1

FabricantNo de pièceFiches techniqueDescription
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
230Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2DU1.6 ALTECH-2DU1.6 Datasheet
230Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2DU10 ALTECH-2DU10 Datasheet
230Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2DU10R ALTECH-2DU10R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU12R ALTECH-2DU12R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
More results

Description similaire - 2DU1

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
   TYPICAL APPLICATION CIRCUIT
logo
THOR communications
F-1V2A THOR-F-1V2A Datasheet
104Kb / 1P
   Typical F-1V2A Application
F-LAN THOR-F-LAN Datasheet
126Kb / 1P
   Typical F-LAN Application
F-EDFA THOR-F-EDFA Datasheet
106Kb / 1P
   Typical F-EDFA Application
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
   Typical H-HDMI-IP Application
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
   Typical F-HD-SDI Application
F-KUBAND-TX THOR-F-KUBAND-TX Datasheet
90Kb / 1P
   Typical L-BAND-Rx/Tx Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
   Typical L-BAND-Rx/Tx Application
SDI-TX THOR-SDI-TX Datasheet
114Kb / 1P
   Typical L-xASI/SDI-Rx/Tx Application
logo
rfsolutions.ltd
H2PROT RFSOLUTIONS-H2PROT Datasheet
168Kb / 9P
   Typical application configuration for Micro RWD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com