Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5253BRU1-RL7 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce AD5253BRU1-RL7
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU1-RL7 Fiches technique(HTML) 22 Page - Analog Devices

Back Button AD5253BRU1-RL7 Datasheet HTML 18Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 19Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 20Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 21Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 22Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 23Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 24Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 25Page - Analog Devices AD5253BRU1-RL7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 22 of 32
DIGITAL INPUT/OUTPUT CONFIGURATION
SDA is a digital input/output with an open-drain MOSFET that
requires a pull-up resistor for proper communication. On the
other hand, SCL and WP are digital inputs for which pull-up
resistors are recommended to minimize the MOSFET cross-
conduction current when the driving signals are lower than
VDD. SCL and WP have ESD protection diodes, as shown in
Figure 35 and Figure 36.
WP can be permanently tied to VDD without a pull-up resistor if
the write-protect feature is not used. If WP is left floating, an
internal current source pulls it low to enable write protection. In
applications in which the device is programmed infrequently,
this allows the part to default to write-protection mode after
any one-time factory programming or field calibration without
using an on-board pull-down resistor. Because there are
protection diodes on all inputs, the signal levels must not be
greater than VDD to prevent forward biasing of the diodes.
GND
SCL
VDD
Figure 35. SCL Digital Input
GND
INPUTS
WP
VDD
Figure 36. Equivalent WP Digital Input
MULTIPLE DEVICES ON ONE BUS
The AD5253/AD5254 are equipped with two addressing pins,
AD1 and AD0, that allow up to four AD5253/AD5254 devices
to be operated on one I2C bus. To achieve this result, the states of
AD1 and AD0 on each device must first be defined. An example
is shown in Table 12 and Figure 37. In I2C programming, each
device is issued a different slave address—01011(AD1)(AD0)—
to complete the addressing.
Table 12. Multiple Devices Addressing
AD1
AD0
Device Addressed
0
0
U1
0
1
U2
1
0
U3
1
1
U4
SDA
SDA
AD1
AD0
MASTER
SCL
SCL
SDA
AD1
AD0
SCL
SDA
AD1
AD0
SCL
SDA
5V
RP
RP
5V
5V
5V
AD1
AD0
SCL
AD5253/
AD5254
AD5253/
AD5254
AD5253/
AD5254
AD5253/
AD5254
Figure 37. Multiple AD5253/AD5254 Devices on a Single Bus
In wireless base station smart-antenna systems that require
arrays of digital potentiometers to bias the power amplifiers,
large numbers of AD5253/AD5254 devices can be addressed by
using extra decoders, switches, and I/O buses, as shown in
Figure 38. For example, to communicate to a total of 16 devices,
four decoders and 16 sets of combinational switches (four sets
shown in Figure 38) are needed. Two I/O buses serve as the
common inputs of the four 2 × 4 decoders and select four sets
of outputs at each combination. Because the four sets of
combination switch outputs are unique, as shown in Figure 38,
a specific device is addressed by properly programming the I2C
with the slave address defined as 01011(AD1)(AD0). This
operation allows one of 16 devices to be addressed, provided
that the inputs of the two decoders do not change states. The
inputs of the decoders are allowed to change once the operation
of the specified device is completed.


Numéro de pièce similaire - AD5253BRU1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253BRU1-RL7 AD-AD5253BRU1-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU1-RL7 AD-AD5253BRU1-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Description similaire - AD5253BRU1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com