Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5962-9312901MPA Fiches technique(PDF) 18 Page - Analog Devices

No de pièce 5962-9312901MPA
Description  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

5962-9312901MPA Fiches technique(HTML) 18 Page - Analog Devices

Back Button 5962-9312901MPA Datasheet HTML 12Page - Analog Devices 5962-9312901MPA Datasheet HTML 13Page - Analog Devices 5962-9312901MPA Datasheet HTML 14Page - Analog Devices 5962-9312901MPA Datasheet HTML 15Page - Analog Devices 5962-9312901MPA Datasheet HTML 16Page - Analog Devices 5962-9312901MPA Datasheet HTML 17Page - Analog Devices 5962-9312901MPA Datasheet HTML 18Page - Analog Devices 5962-9312901MPA Datasheet HTML 19Page - Analog Devices 5962-9312901MPA Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 18 of 20
Figure 51. 8-Lead Ceramic Dual In-Line [CERDIP]
(Q-8)
Dimensions shown in inches and (millimeters)
Figure 52. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.310 (7.87)
0.220 (5.59)
0.005 (0.13)
MIN
0.055 (1.40)
MAX
0.100 (2.54) BSC
15°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
1
4
5
8
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)


Numéro de pièce similaire - 5962-9312901MPA

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
5962-9312901MPA AD-5962-9312901MPA Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
5962-9312901MPA AD-5962-9312901MPA Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
5962-9312901MPA AD-5962-9312901MPA Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Description similaire - 5962-9312901MPA

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com