Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1413EUA713 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce TC1413EUA713
Description  3A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413EUA713 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button TC1413EUA713 Datasheet HTML 8Page - Microchip Technology TC1413EUA713 Datasheet HTML 9Page - Microchip Technology TC1413EUA713 Datasheet HTML 10Page - Microchip Technology TC1413EUA713 Datasheet HTML 11Page - Microchip Technology TC1413EUA713 Datasheet HTML 12Page - Microchip Technology TC1413EUA713 Datasheet HTML 13Page - Microchip Technology TC1413EUA713 Datasheet HTML 14Page - Microchip Technology TC1413EUA713 Datasheet HTML 15Page - Microchip Technology TC1413EUA713 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC1413/TC1413N
DS21392D-page 12
 2001-2012 Microchip Technology Inc.
8-Lead Plastic Micro Small Outline Package (UA) (MSOP)
D
A
A1
L
c
(F )
A2
E1
E
p
B
n
1
2
Dimens ions D and E 1 do not include mold flas h or protrus ions . Mold flas h or protrus ions s hall not
.037 R E F
F
F ootprint (R eference)
exceed .010" (0.254mm) per s ide.
Notes :
Drawing No. C 04-111
*C ontrolling P arameter
Mold Draft Angle T op
Mold Draft Angle B ottom
F oot Angle
Lead Width
Lead T hicknes s
c
B
.003
.009
.006
.012
Dimens ion Limits
Overall Height
Molded P ackage T hicknes s
Molded P ackage Width
Overall Length
F oot Length
Standoff
Overall Width
Number of P ins
Pitch
A
L
E1
D
A1
E
A2
.016
.024
.118 B S C
.118 B S C
.000
.030
.193 B S C
.033
MIN
p
n
Units
.026 B S C
NOM
8
INC HE S
0.95 R E F
-
-
.009
.016
0.08
0.22
0.23
0.40
MILLIME T E R S *
0.65 B S C
0.85
3.00 B S C
3.00 B S C
0.60
4.90 B S C
.043
.031
.037
.006
0.40
0.00
0.75
MIN
MAX
NOM
1.10
0.80
0.15
0.95
MAX
8
--
-
15˚
-
15˚
-
J E DE C E quivalent: MO-187
-
-
-
15˚
15˚
-
-
-
-
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


Numéro de pièce similaire - TC1413EUA713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1413EUA713 MICROCHIP-TC1413EUA713 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
More results

Description similaire - TC1413EUA713

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com