Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD829AR Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD829AR
Description  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD829AR Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD829AR Datasheet HTML 10Page - Analog Devices AD829AR Datasheet HTML 11Page - Analog Devices AD829AR Datasheet HTML 12Page - Analog Devices AD829AR Datasheet HTML 13Page - Analog Devices AD829AR Datasheet HTML 14Page - Analog Devices AD829AR Datasheet HTML 15Page - Analog Devices AD829AR Datasheet HTML 16Page - Analog Devices AD829AR Datasheet HTML 17Page - Analog Devices AD829AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 14 of 20
Because the closed-loop bandwidth is a function of RF and
CCOMP (see Figure 39), it is independent of the amplifier closed-
loop gain, as shown in Figure 41. To preserve stability, the time
constant of RF and CCOMP needs to provide a bandwidth of
<65 MHz. For example, with CCOMP = 15 pF and RF = 1 kΩ, the
small signal bandwidth of the AD829 is 10 MHz. Figure 40
shows that the slew rate is in excess of 60 V/µs. As shown in
Figure 41, the closed-loop bandwidth is constant for gains of
−1 to −4; this is a property of the current feedback amplifiers.
Figure 39. Inverting Amplifier Connection Using Current Feedback
Compensation
Figure 40. Large Signal Pulse Response of Inverting Amplifier Using Current
Feedback Compensation, CCOMP = 15 pF, C1 = 15 pF RF = 1 kΩ, R1 = 1 kΩ
Figure 41. Closed-Loop Gain vs. Frequency for the Circuit of Figure 38
Figure 42 is an oscilloscope photo of the pulse response of a unity-
gain inverter that has been configured to provide a small signal
bandwidth of 53 MHz and a subsequent slew rate of 180 V/µs;
RF = 3 kΩ and CCOMP = 1 pF. Figure 43 shows the excellent pulse
response as a unity-gain inverter, this using component values
of RF = 1 kΩ and CCOMP = 4 pF.
Figure 42. Large Signal Pulse Response of the Inverting Amplifier Using
Current Feedback Compensation, CCOMP = 1 pF, RF = 3 kΩ, R1 = 3 kΩ
Figure 43. Small Signal Pulse Response of Inverting Amplified Using Current
Feedback Compensation, CCOMP = 4 pF, RF = 1 kΩ, R1 = 1 kΩ
2
3
7
6
4
+
AD829
+VS
–VS
0.1
µF
5
0.1
µF
C1*
50
50
COAX
CABLE
R1
CCOMP
RF
VOUT
RL
1k
VIN
IN4148
*RECOMMENDED VALUE
OF CCOMP FOR C1
<7pF
0pF
≥7pF
15pF
CCOMP SHOULD NEVER EXCEED
15pF FOR THIS CONNECTION
5V
200ns
0%
10
90
100%
FREQUENCY (Hz)
100k
1M
10M
–15
–12
–9
–6
–3
0
3
6
9
12
15
100M
GAIN = –4
–3dB @ 8.2MHz
GAIN = –2
–3dB @ 9.6MHz
GAIN = –1
–3dB @ 10.2MHz
VIN = –30dBm
VS = ±15V
RL = 1kΩ
RF = 1kΩ
CCOMP = 15pF
C1 = 15pF
5V
200ns
0%
10
90
100%
20mV
10ns
0%
10
90
100%


Numéro de pièce similaire - AD829AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829AR AD-AD829AR Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR AD-AD829AR Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829AR AD-AD829AR Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829AR-EBZ AD-AD829AR-EBZ Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829AR-REEL AD-AD829AR-REEL Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
More results

Description similaire - AD829AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com