Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1269 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC1269
Description  300mA CMOS LDO with Shutdown and VREF Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1269 Fiches technique(HTML) 4 Page - Microchip Technology

  TC1269_13 Datasheet HTML 1Page - Microchip Technology TC1269_13 Datasheet HTML 2Page - Microchip Technology TC1269_13 Datasheet HTML 3Page - Microchip Technology TC1269_13 Datasheet HTML 4Page - Microchip Technology TC1269_13 Datasheet HTML 5Page - Microchip Technology TC1269_13 Datasheet HTML 6Page - Microchip Technology TC1269_13 Datasheet HTML 7Page - Microchip Technology TC1269_13 Datasheet HTML 8Page - Microchip Technology TC1269_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1269
DS21380C-page 4
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1269 is a precision regulator available in fixed
voltages. Unlike the bipolar regulators, the TC1269
supply current does not increase with load current. In
addition, VOUT remains stable and within regulation
over the entire 0mA to IOUTMAX operating load current
range, (an important consideration in RTC and CMOS
RAM battery backup applications).
Figure 3-1 shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN) is at or above VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05
A
(typical), VOUT falls to zero.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected. Larger capacitor values may be
used, but results in a longer time period to rated output
voltage when power is initially applied.
3.2
Output Capacitor
A 1
F (min) capacitor from V
OUT
to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
 and less
than 5.0
, and a resonant frequency above 1MHz. A
1
F capacitor should be connected from V
IN to GND if
there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is
used as the power source. Aluminum electrolytic or
tantalum capacitor types can be used. (Since many
aluminum electrolytic capacitors freeze at approxi-
mately -30°C, solid tantalums are recommended for
applications operating below -25°C.) When operating
from sources other than batteries, supply-noise
rejection and transient response can be improved by
increasing the value of the input and output capacitors
and employing passive filtering techniques.
TC1269
1
2
3
4
6
7
8
NC
NC
GND
Bypass
NC
SHDN
Battery
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown Control
(from Power
Control Logic)
C1
1
µF
VIN
+
C1
1
µF
+
+


Numéro de pièce similaire - TC1269_13

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1269-25VUA MICROCHIP-TC1269-25VUA Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-28VUA MICROCHIP-TC1269-28VUA Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-30VUA MICROCHIP-TC1269-30VUA Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-33VUA MICROCHIP-TC1269-33VUA Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-50VUA MICROCHIP-TC1269-50VUA Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results

Description similaire - TC1269_13

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com