Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS9933A Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDS9933A
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9933A Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDS9933A Datasheet HTML 1Page - Fairchild Semiconductor FDS9933A Datasheet HTML 2Page - Fairchild Semiconductor FDS9933A Datasheet HTML 3Page - Fairchild Semiconductor FDS9933A Datasheet HTML 4Page - Fairchild Semiconductor FDS9933A Datasheet HTML 5Page - Fairchild Semiconductor FDS9933A Datasheet HTML 6Page - Fairchild Semiconductor FDS9933A Datasheet HTML 7Page - Fairchild Semiconductor FDS9933A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS9933A Rev. C
FDS9933A
Dual P-Channel 2.5V Specified PowerTrench
™ MOSFET
General Description
These P-Channel 2.5V specified MOSFETs are produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize the
on-state resistance and yet maintain low gate charge for
superior switching performance.
November 1998
Features
-3.8 A, -20 V. R
DS(on)
= 0.075
Ω @ V
GS
= -4.5 V
R
DS(on)
= 0.105
Ω @ V
GS
= -2.5 V.
Low gate charge ( 7nC typical ).
Fast switching speed.
High performance trench technology for extremely
low R
DS(on)
.
High power and current handling capability.
©1998 Fairchild Semiconductor Corporation
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
FDS9933A
Units
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
± 8V
ID
Drain Current
- Continuous
(Note 1a)
-3.8
A
- Pulsed
-20
Power Dissipation for Dual Operation
2.0
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1.0
PD
(Note 1c)
0.9
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS9933A
FDS9933A
13’’
12mm
2500 units
Applications
Load switch
DC/DC converter
Motor drives
1
5
7
8
2
3
4
6
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
pin 1


Numéro de pièce similaire - FDS9933A

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDS9933A-NL VBSEMI-FDS9933A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDS9933A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com