Moteur de recherche de fiches techniques de composants électroniques |
|
TC1263-3.0VAT Fiches technique(PDF) 12 Page - Microchip Technology |
|
TC1263-3.0VAT Fiches technique(HTML) 12 Page - Microchip Technology |
12 / 18 page TC1263 DS21374D-page 12 2002-2012 Microchip Technology Inc. 8-Lead Plastic Small Outline (SN) – Narrow, 150 mil Body (SOIC) Foot Angle 04 80 48 15 12 0 15 12 0 Mold Draft Angle Bottom 15 12 0 15 12 0 Mold Draft Angle Top 0.51 0.42 0.33 .020 .017 .013 B Lead Width 0.25 0.23 0.20 .010 .009 .008 c Lead Thickness 0.76 0.62 0.48 .030 .025 .019 L Foot Length 0.51 0.38 0.25 .020 .015 .010 h Chamfer Distance 5.00 4.90 4.80 .197 .193 .189 D Overall Length 3.99 3.91 3.71 .157 .154 .146 E1 Molded Package Width 6.20 6.02 5.79 .244 .237 .228 E Overall Width 0.25 0.18 0.10 .010 .007 .004 A1 Standoff § 1.55 1.42 1.32 .061 .056 .052 A2 Molded Package Thickness 1.75 1.55 1.35 .069 .061 .053 A Overall Height 1.27 .050 p Pitch 8 8 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units 2 1 D n p B E E1 h L c 45 A2 A A1 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057 § Significant Characteristic Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |
Numéro de pièce similaire - TC1263-3.0VAT |
|
Description similaire - TC1263-3.0VAT |