Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1016-2.7VCTTR Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce TC1016-2.7VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-2.7VCTTR Fiches technique(HTML) 19 Page - Microchip Technology

Back Button TC1016-2.7VCTTR Datasheet HTML 14Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 15Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 16Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 17Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 18Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 19Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 20Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 21Page - Microchip Technology TC1016-2.7VCTTR Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666A-page 19
TC1016
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
TC1016:
80 mA Tiny CMOS LDO with Shutdown
Voltage Options*:
(Standard)
1.8V
1.85V
2.6V
2.7V
2.8V
2.85V
2.9V
3.0V
3.3V
4.0V
* Other voltage options available. Please contact your local
Microchip sales office for details.
Temperature Range:
V
=
-40°C to +125°C
Packages:
LTTR = 5-pin SC-70 (Tape and Reel)
CTTR = 5-pin SOT-23 (Tape and Reel)
Examples:
a)
TC1016-1.8VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
a)
TC1016-1.8VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
b)
TC1016-1.85VCTTR: 80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
c)
TC1016-1.85VLTTR: 80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
d)
TC1016-2.6VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
e)
TC1016-2.6VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
f)
TC1016-2.7VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
g)
TC1016-2.7VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
h)
TC1016-2.8VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
i)
TC1016-2.8VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
j)
TC1016-2.85VLTTR: 80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
PART NO.
X.XX
X
Temperature
Voltage
Options
Device
Range
XXXX
Package


Numéro de pièce similaire - TC1016-2.7VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016-2.7VCTTR MICROCHIP-TC1016-2.7VCTTR Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
More results

Description similaire - TC1016-2.7VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com