Moteur de recherche de fiches techniques de composants électroniques |
|
FDS9400 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
FDS9400 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page FDS9400A Rev B1(W) Electrical Characteristics T A = 25°C unless otherwise noted Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain–Source Breakdown Voltage VGS = 0 V, ID = –250 µA –30 V ∆BVDSS ∆TJ Breakdown Voltage Temperature Coefficient ID = –250 µA, Referenced to 25°C –23 mV/ °C IDSS Zero Gate Voltage Drain Current VDS = –24 V, VGS = 0 V –1 µA IGSSF Gate–Body Leakage, Forward VGS = 25 V, VDS = 0 V 100 NA IGSSR Gate–Body Leakage, Reverse VGS = –25 V, VDS = 0 V –100 NA On Characteristics (Note 2) VGS(th) Gate Threshold Voltage VDS = VGS, ID = –250 µA –1 –1.8 –3 V ∆VGS(th) ∆TJ Gate Threshold Voltage Temperature Coefficient ID = –250 µA, Referenced to 25°C 4 mV/ °C RDS(on) Static Drain–Source On–Resistance VGS = –10 V, ID = –1.0 A VGS = –4.5 V, ID = –0.5 A VGS= –10 V, ID = –1.0 A, TJ=125 °C 105 157 147 130 200 210 m Ω ID(on) On–State Drain Current VGS = –10 V, VDS = –5 V –5 A gFS Forward Transconductance VDS = –5 V, ID = –3.4 A 4.5 S Dynamic Characteristics Ciss Input Capacitance 205 pF Coss Output Capacitance 55 pF Crss Reverse Transfer Capacitance VDS = –15 V, V GS = 0 V, f = 1.0 MHz 26 pF Switching Characteristics (Note 2) td(on) Turn–On Delay Time 4.5 9 ns tr Turn–On Rise Time 12.5 23 ns td(off) Turn–Off Delay Time 11 20 ns tf Turn–Off Fall Time VDD = –15 V, ID = –1 A, VGS = –10 V, RGEN = 6 Ω 2 4 ns Qg Total Gate Charge 2.4 3.5 nC Qgs Gate–Source Charge 1.0 nC Qgd Gate–Drain Charge VDS = –15 V, ID = –1 A, VGS = –5 V 0.7 nC Drain–Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain–Source Diode Forward Current –2.1 A VSD Drain–Source Diode Forward Voltage VGS = 0 V, IS = –2.1 A (Note 2) –0.8 –1.2 V Notes: 1. R θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. R θJC is guaranteed by design while RθCA is determined by the user's board design. a) 50°C/W when mounted on a 1in 2 pad of 2 oz copper b) 105°C/W when mounted on a .04 in 2 pad of 2 oz copper c) 125°C/W when mounted on a minimum pad. Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0% |
Numéro de pièce similaire - FDS9400 |
|
Description similaire - FDS9400 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |